Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001A Datasheet(PDF) 8 Page - STMicroelectronics

Part # HVLED001A
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 4Page - STMicroelectronics HVLED001A Datasheet HTML 5Page - STMicroelectronics HVLED001A Datasheet HTML 6Page - STMicroelectronics HVLED001A Datasheet HTML 7Page - STMicroelectronics HVLED001A Datasheet HTML 8Page - STMicroelectronics HVLED001A Datasheet HTML 9Page - STMicroelectronics HVLED001A Datasheet HTML 10Page - STMicroelectronics HVLED001A Datasheet HTML 11Page - STMicroelectronics HVLED001A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical data
HVLED001A
8/30
DocID029000 Rev 2
4
Electrical data
4.1
Absolute maximum ratings
Note:
Where not otherwise indicated the AMR values are intended to be applied when
VCC > VCC,on. When VCC < VCC,on the minimum between the indicated value and VCC + 0.3
V has to be considered.
4.2
Thermal data
Table 3. Absolute maximum ratings
Symbol
Pin
Parameter
Test condition
Min.
Max.
Unit
VHVSU,bd
HVSU HVSU breakdown voltage
IHVSU < 100 µA, VCC = 15 VDC
800
V
VHVSU,neg
HVSU HVSU negative voltage
IHVSU source < 2 mA
- 0.3
V
VGD
GD
Maximum swing voltage
- 0.3
VCC
V
VCS
CS
Current sense applied
voltage
- 0.3
7
V
VZCD
ZCD
ZCD pin voltage
7V
Negative, Isource < 1 mA
- 0.3
V
VFB
FB
FB voltage
- 0.3
3.6
V
VCTRL
CTRL CTRL voltage
Stop mode
- 0.3
VCC
V
ICTRL
CTRL CTRL injected current
1
mA
VCC,MAX
VCC
IC supply voltage
18
V
VTOFF
TOFF Maximum applied voltage
- 0.3
7
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
120
°C/W
TJ
Junction temperature operating range
-40 to 125
°C
Tstg
Storage temperature range
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com