Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001A Datasheet(PDF) 12 Page - STMicroelectronics

Part # HVLED001A
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 8Page - STMicroelectronics HVLED001A Datasheet HTML 9Page - STMicroelectronics HVLED001A Datasheet HTML 10Page - STMicroelectronics HVLED001A Datasheet HTML 11Page - STMicroelectronics HVLED001A Datasheet HTML 12Page - STMicroelectronics HVLED001A Datasheet HTML 13Page - STMicroelectronics HVLED001A Datasheet HTML 14Page - STMicroelectronics HVLED001A Datasheet HTML 15Page - STMicroelectronics HVLED001A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Electrical characteristics
HVLED001A
12/30
DocID029000 Rev 2
IZCDb
ZCD ZCD pin biasing current VZCD = 0.1 to 2.6 V(4)
1µA
IBO
ZCD
Brownout detection
level
Sourcing during on time
65
105
140
µA
TBO
ZCD
Brownout detection
time
IZCD < IBO(3)
70
100
130
ms
Timing
Trec
Recovery time after
opto failure, analogue
disable or brownout
(3)
1.7
2.5
3.2
s
Gate driver
VGDH
GD
Output high voltage
IGD,source = 5 mA
14.5
V
VGDL
GD
Output low voltage
IGD,sink = 5 mA
0.1
V
Isource
GD
Output source peak
current
VGD = 7.5 V(4)
0.3
A
Isink
GD
Output sink peak
current
VGD = 7.5 V(4)
0.6
A
Tf
GD
Fall time
CGD = 1 nF, from 13.5 V to 1.5 V
6
ns
Tr
GD
Rise time
CGD = 1 nF, from 1.5 V to 13.5 V
35
ns
VGD,shd
GD
Maximum voltage
during shut-down
VCC < Vcc,shd , IGD = 2 mA
0.2
1
1.5
V
CTRL input
VCTRL,dis
CTRL Disabling threshold
Negative going edge(7)
0.4
0.5
0.6
V
Vadis
CTRL
Timed disabling
threshold
(7)
2.4
2.6
2.85
V
TADIS
CTRL
Max. operating interval
after analog disable
feature triggering
VCTRL > Vadis(3)
70
100
130
ms
Vctrl,bias
CTRL CTRL biasing voltage
Tamb = 25 °C(10)
1.84
2.05
2.26
V
Over whole temp. range
1.75
2.35
Ictrl,bias
CTRL CTRL biasing current
VCTRL = 0 V
5
10
15
µA
Rctrl
CTRL Internal parallel resistor (11)
205
k
Vctrl,pd
CTRL
Pin voltage during low
consumption (power
good)
Low consumption, ICTRL = 0.2 mA
0.2
V
Veoss
CTRL End of soft-start level
(10) Pulse duration greater than 5 µs
1.7
1.8
1.95
V
Table 6. Electrical characteristics (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com