Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001A Datasheet(PDF) 19 Page - STMicroelectronics

Part # HVLED001A
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 15Page - STMicroelectronics HVLED001A Datasheet HTML 16Page - STMicroelectronics HVLED001A Datasheet HTML 17Page - STMicroelectronics HVLED001A Datasheet HTML 18Page - STMicroelectronics HVLED001A Datasheet HTML 19Page - STMicroelectronics HVLED001A Datasheet HTML 20Page - STMicroelectronics HVLED001A Datasheet HTML 21Page - STMicroelectronics HVLED001A Datasheet HTML 22Page - STMicroelectronics HVLED001A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
DocID029000 Rev 2
19/30
HVLED001A
Application information
30
7.2
Control loop
The control loop is based on the current mode quasi resonant flyback control scheme and is
therefore performed by turning off the MOSFET when the peak of its source current reaches
the threshold set by the control loop, and by turning on the MOSFET in correspondence of
the resonant valley following the demagnetization of the transformer or inductor.
A detail of the block involved into this scheme is shown in Figure 8.
Figure 8. Control loop blocks
7.2.1
Current sense input
The peak of the primary current is read across a shunt resistor placed between the
MOSFET's source and compared with a threshold equal to:
Equation 1
Where the term VHVSU,pk is the maximum value of the HVSU voltage within around 20 ms
and is used to compensate the dependency on the input voltage of the open loop gain
transfer function. The gain kp collects all the proportional terms between the HVSU voltage
and CS threshold.
A leading edge blanking time (LEB) is applied after the MOSFET's turn-on.
The VCS signal is upper limited to a value that depends on the CTRL voltage and is lower
limited to 55 mV.
A second level OCP threshold is present to temporarily stop the switching activity in case of
inductor saturation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com