Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQ Datasheet(PDF) 7 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 3Page - STMicroelectronics ISO8200BQ Datasheet HTML 4Page - STMicroelectronics ISO8200BQ Datasheet HTML 5Page - STMicroelectronics ISO8200BQ Datasheet HTML 6Page - STMicroelectronics ISO8200BQ Datasheet HTML 7Page - STMicroelectronics ISO8200BQ Datasheet HTML 8Page - STMicroelectronics ISO8200BQ Datasheet HTML 9Page - STMicroelectronics ISO8200BQ Datasheet HTML 10Page - STMicroelectronics ISO8200BQ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ISO8200BQ
Pin connection
DocID027303 Rev 4
7/37
Pin
Name
Description
20
VDD
Positive logic supply
21
OUT_EN
Output enable
22
SYNC
Input-to-output synchronization signal. Active low, see Section 6.3:
"Synchronous control mode (SCM)"
23
LOAD
Load input data signal. Active low, see Section 6.3: "Synchronous control
mode (SCM)"
24
IN1
Channel 1 input
25
IN2
Channel 2 input
26
IN3
Channel 3 input
27
IN4
Channel 4 input
28
IN5
Channel 5 input
29
IN6
Channel 6 input
30
IN7
Channel 7 input
31
IN8
Channel 8 input
32
FAULT
Common fault indication, active low
TAB(VCC)
VCC
Exposed tab internally connected to VCC, positive power
supply voltage
TAB(GNDCC)
GNDCC
Exposed tab internally connected to GNDCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com