Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQ Datasheet(PDF) 14 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 10Page - STMicroelectronics ISO8200BQ Datasheet HTML 11Page - STMicroelectronics ISO8200BQ Datasheet HTML 12Page - STMicroelectronics ISO8200BQ Datasheet HTML 13Page - STMicroelectronics ISO8200BQ Datasheet HTML 14Page - STMicroelectronics ISO8200BQ Datasheet HTML 15Page - STMicroelectronics ISO8200BQ Datasheet HTML 16Page - STMicroelectronics ISO8200BQ Datasheet HTML 17Page - STMicroelectronics ISO8200BQ Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Electrical characteristics
ISO8200BQ
14/37
DocID027303 Rev 4
Table 9: Parallel interface timings (Vdd = 5 V; VCC= 24 V; -40 °C < TJ < 125 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tdis(SYNC)
SYNC
disable time
Sync. control mode
10
µs
tdis(DCM)
SYNC , LOAD
disable time
Direct control mode
80
ns
tw(SYNC)
SYNC
negative pulse
width
Sync. control mode
20
195
µs
tsu(LOAD)
LOAD
setup time
Sync. control mode
80
ns
th(LOAD)
LOAD
hold time
Sync. control mode
400
ns
tw(LOAD)
LOAD
pulse width
Sync. control mode
240
ns
tsu(IN)
Input setup time
80
ns
th(IN)
Input hold time
10
ns
tw(IN)
Input pulse width
Sync. control mode
160
ns
Direct control mode
20
µs
tINLD
IN to LOAD
time
Direct control mode
From IN variation to LOAD
falling edge
80
ns
tLDIN
LOAD
to IN time
Direct control mode
From LOAD falling edge to IN
variation
400
ns
tw(OUT_EN)
OUT_EN pulse width
150
ns
tp(OUT_EN)
OUT_EN propagation
delay
22
40
µs
tjitter(SCM)
Jitter on single channel
Sync. mode
6
µs
tjitter(DCM)
Direct mode
20
frefresh
Refresh delay
15
kHz
Table 10: Insulation and safety-related specifications
Symbol
Parameter
Test conditions
Value
Unit
CLR
Clearance (minimum
external air gap)
Measured from input terminals to output
terminals, the shortest distance through air
3.3
mm
CPG
Creepage (minimum
external tracking)
Measured from input terminals to output
terminals, the shortest distance path analog
body
3.3
mm
CTI
Comparative tracking
index (tracking
resistance)
DIN IEC 112/VDE 0303 part 1
≥ 600
V
Isolation group
Material group (DIN VDE 0110, 1/89), table 1
I
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com