Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQ Datasheet(PDF) 11 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 7Page - STMicroelectronics ISO8200BQ Datasheet HTML 8Page - STMicroelectronics ISO8200BQ Datasheet HTML 9Page - STMicroelectronics ISO8200BQ Datasheet HTML 10Page - STMicroelectronics ISO8200BQ Datasheet HTML 11Page - STMicroelectronics ISO8200BQ Datasheet HTML 12Page - STMicroelectronics ISO8200BQ Datasheet HTML 13Page - STMicroelectronics ISO8200BQ Datasheet HTML 14Page - STMicroelectronics ISO8200BQ Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
ISO8200BQ
Electrical characteristics
DocID027303 Rev 4
11/37
Table 6: Diagnostic pin and output protection function
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VFAULT
FAULT
pin open-drain voltage
output low
IFAULT = 10 mA
0.4
V
ILFAULT
FAULT
output leakage current
VFAULT = 5 V
1
µA
IPEAK
Maximum DC output current before
limitation
VCC = 24 V
RLOAD
= 0 Ω
1.6
A
ILIM
Short-circuit current limitation
0.7
1.3
1.9
A
Hyst
ILIM tracking limits
0.3
A
TJSD
Junction shutdown temperature
150
170
°C
TJR
Junction reset temperature
150
°C
THIST
Junction thermal hysteresis
20
°C
TCSD
Case shutdown temperature
115
130
145
°C
TCR
Case reset temperature
110
°C
TCHYST
Case thermal hysteresis
20
°C
Vdemag
Output voltage at turn-OFF
IOUT = 0.5 A
ILOAD > = 1 mH
VCC-45
VCC-50
VCC-52
V
Table 7: Power switching characteristics (VCC = 24 V; -40 °C < TJ < 125 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
dV/dt(ON)
Turn-ON voltage slope
IOUT
= 0.5 A, resistive load 48 Ω
-
5.6
-
V/µs
dV/dt(OFF)
Turn-OFF voltage slope
IOUT
= 0.5 A, resistive load 48 Ω
-
2.81
-
V/µs
td(ON)
Turn-ON delay time (1)
IOUT
= 0.5 A, resistive load 48 Ω
-
17
22
µs
td(OFF)
Turn-OFF delay time (1)
IOUT
= 0.5 A, resistive load 48 Ω
-
22
40
µs
tf
Fall time (1)
IOUT
= 0.5 A, resistive load 48 Ω
-
5
-
µs
tr
Rise time (1)
IOUT
= 0.5 A, resistive load 48 Ω
-
5
-
µs
Notes:
(1)See Figure 3: "RDS(on) measurement", Figure 4: "dV/dT" and Figure 6: "td(ON)-td(OFF) direct control mode".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com