Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQ Datasheet(PDF) 15 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 11Page - STMicroelectronics ISO8200BQ Datasheet HTML 12Page - STMicroelectronics ISO8200BQ Datasheet HTML 13Page - STMicroelectronics ISO8200BQ Datasheet HTML 14Page - STMicroelectronics ISO8200BQ Datasheet HTML 15Page - STMicroelectronics ISO8200BQ Datasheet HTML 16Page - STMicroelectronics ISO8200BQ Datasheet HTML 17Page - STMicroelectronics ISO8200BQ Datasheet HTML 18Page - STMicroelectronics ISO8200BQ Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
ISO8200BQ
Electrical characteristics
DocID027303 Rev 4
15/37
Table 11: IEC 60747-5-2 insulation characteristics
Symbol
Parameter
Test conditions
Value
Unit
VPR
Input-to-output test
voltage
Method a, type test VPR = VIORM × 1.6,
tm= 10 s
partial discharge < 5 pC
1500
VPEAK
Method b, 100% production test VPR =
VIORM × 1.875, tm = 1 s partial discharge
< 5 pC
1758
VPEAK
VIOTM
Transient
overvoltage
Type test
tini = 60 s
4245
VPEAK
VIOSM
Maximum surge
insulation voltage
Type test
4245
VPEAK
RIO
Insulation resistance
VIO = 500 V at ts
>109
Ω
VISO
Insulation withstand
voltage
1 min. type test
2500/3536
Vrms\VPEAK
VISO test
Insulation withstand
test
1 s 100% production
3000/4245
Vrms\VPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com