Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQ Datasheet(PDF) 1 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 1 Page - STMicroelectronics

  ISO8200BQ Datasheet HTML 1Page - STMicroelectronics ISO8200BQ Datasheet HTML 2Page - STMicroelectronics ISO8200BQ Datasheet HTML 3Page - STMicroelectronics ISO8200BQ Datasheet HTML 4Page - STMicroelectronics ISO8200BQ Datasheet HTML 5Page - STMicroelectronics ISO8200BQ Datasheet HTML 6Page - STMicroelectronics ISO8200BQ Datasheet HTML 7Page - STMicroelectronics ISO8200BQ Datasheet HTML 8Page - STMicroelectronics ISO8200BQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
April 2017
DocID027303 Rev 4
1/37
This is information on a product in full production.
www.st.com
ISO8200BQ
Galvanic isolated octal high-side smart power solid state-relay
Datasheet - production data
Features
Type
Vdemag(1)
RDS(on)(1)
IOUT(1)
Vcc
ISO8200BQ
Vcc- 45 V
0.11 Ω
0.7 A
45 V
Notes:
(1)Per channel.
Parallel input interface
Direct and synchronous control mode
High common mode transient immunity
Output current: 0.7 A per channel
Short-circuit protection
Channel overtemperature protection
Thermal independence of separate channels
Common output disable pin
Case overtemperature protection
Loss of GNDcc and Vcc protection
Undervoltage shutdown with auto-restart
and hysteresis
Overvoltage protection (Vcc clamping)
Very low supply current
Common fault open-drain output
5 V and 3.3 V TTL/CMOS compatible I/Os
Fast demagnetization of inductive loads
Reset function for IC output disable
ESD protection
IEC 61000-4-2, IEC 61000-4-4, IEC 61000-
4-5 and IEC 61000-4-8 compliant
Applications
Programmable logic control
Industrial PC peripheral input/output
Numerical control machines
Drivers for all types of loads (resistive,
capacitive, inductive)
Description
The ISO8200BQ is a galvanic isolated 8-channel
driver featuring a very low supply current. It
contains 2 independent galvanic isolated voltage
domains (Vcc for the power stage and Vdd for the
digital stage). Additional embedded functions are:
loss of GND protection, undervoltage shutdown
with hysteresis, and reset function for immediate
power output shutdown.
IC is intended to drive any kind of load with one
side connected to ground. Active channel current
limitation combined with thermal shutdown,
(independent for each channel), and automatic
restart, protect the device against overload and
short-circuit. In overload conditions, if junction
temperature overtakes threshold, the channel
involved is turned off and on again automatically
after the IC temperature decreases below a reset
threshold. If this condition causes case
temperature to reach TCR limit threshold, the
overloaded channel is turned off and it only
restarts when case and junction temperature
decrease down to the reset thresholds. Non-
overloaded channels continue operating
normally. An internal circuit provides an OR-wired
non-latched common FAULT
indicator
signaling the channel OVT. The FAULT
pin is
an open-drain active low fault indication pin.


Similar Part No. - ISO8200BQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISO8200BQTR STMICROELECTRONICS-ISO8200BQTR Datasheet
1Mb / 7P
Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
26-May-2023
More results

Similar Description - ISO8200BQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP-32 STMICROELECTRONICS-VNI8200XP-32 Datasheet
2Mb / 43P
Octal high-side smart power solid-state relay with serial
24-Aug-2015
ISO808 STMICROELECTRONICS-ISO808 Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay for high inductive loads
21-Dec-2022
ISO808A STMICROELECTRONICS-ISO808A Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
Rev 1 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com