Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQ Datasheet(PDF) 10 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 6Page - STMicroelectronics ISO8200BQ Datasheet HTML 7Page - STMicroelectronics ISO8200BQ Datasheet HTML 8Page - STMicroelectronics ISO8200BQ Datasheet HTML 9Page - STMicroelectronics ISO8200BQ Datasheet HTML 10Page - STMicroelectronics ISO8200BQ Datasheet HTML 11Page - STMicroelectronics ISO8200BQ Datasheet HTML 12Page - STMicroelectronics ISO8200BQ Datasheet HTML 13Page - STMicroelectronics ISO8200BQ Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical characteristics
ISO8200BQ
10/37
DocID027303 Rev 4
5
Electrical characteristics
(10.5 V < VCC < 36 V; -40 °C < TJ < 125 °C, unless otherwise specified)
Table 4: Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC(THON)
VCC undervoltage turn-ON
threshold
9.5
10.5
V
VCC(THOFF)
VCC undervoltage turn-OFF
threshold
8
9
V
VCC(hys)
VCC undervoltage hysteresis
0.25
0.5
V
VCCclamp
Clamp on VCC pin
Iclamp = 20 mA
45
50
52
V
RDS(on)
On-state resistance (1)
IOUT = 0.5 A, TJ = 25 °C
Ω
IOUT = 0.5 A TJ = 125 °C
0.12
0.24
Rpd
Output pull-down resistor
210
kΩ
ICC
Power supply current
All channels in OFF-
state
5
mA
All channels in ON-state
9
ILGND
Ground disconnection output
current
VCC = VGND = 0 V
VOUT = -24 V
500
µA
VOUT(OFF)
Off-state output voltage
Channel OFF and
IOUT = 0 A
1
V
IOUT(OFF)
Off-state output current
Channel OFF and
VOUT = 0 V
5
µA
Notes:
(1)See Figure 3: "RDS(on) measurement"
Table 5: Digital supply voltage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vdd
Operating voltage
2.75
5.5
V
Vdd(THON)
Vdd undervoltage turn-
ON threshold
2.55
2.75
V
Vdd(THOFF)
Vdd undervoltage turn-
OFF threshold
2.45
2.65
V
Vdd(hys)
Vdd undervoltage
hysteresis
0.04
0.1
V
Idd
Idd supply current
Vdd = 5 V and input channel with
a steady logic level
4.5
6
mA
Vdd = 3.3 V and input channel
with a steady logic level
4.4
5.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com