Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQ Datasheet(PDF) 24 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 20Page - STMicroelectronics ISO8200BQ Datasheet HTML 21Page - STMicroelectronics ISO8200BQ Datasheet HTML 22Page - STMicroelectronics ISO8200BQ Datasheet HTML 23Page - STMicroelectronics ISO8200BQ Datasheet HTML 24Page - STMicroelectronics ISO8200BQ Datasheet HTML 25Page - STMicroelectronics ISO8200BQ Datasheet HTML 26Page - STMicroelectronics ISO8200BQ Datasheet HTML 27Page - STMicroelectronics ISO8200BQ Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Power section
ISO8200BQ
24/37
DocID027303 Rev 4
7.2
Thermal protection
The device is protected against overheating in case of overload conditions. During the
driving period, if the output is overloaded, the device suffers two different thermal stresses,
the former related to the junction, and the latter related to the case.
The two faults have different trigger thresholds: the junction protection threshold is higher
than the case protection one; generally the first protection, that is active in thermal stress
conditions, is the junction thermal shutdown. The output is turned off when the temperature
is higher than the related threshold and turned back on when it goes below the reset
threshold. This behavior continues until the fault on the output is present.
If the thermal protection is active and the temperature of the package increases over the
fixed case protection threshold, the case protection is activated and the output is switched
off and back on when the junction temperature of each channel in fault and case
temperature is below the respective reset thresholds.
Figure 17: "Thermal protection flowchart" shows the thermal protection behavior, while
Figure 18: "Thermal protection" reports typical temperature trends and output vs. input
state.
Figure 17: Thermal protection flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com