Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQ Datasheet(PDF) 19 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 15Page - STMicroelectronics ISO8200BQ Datasheet HTML 16Page - STMicroelectronics ISO8200BQ Datasheet HTML 17Page - STMicroelectronics ISO8200BQ Datasheet HTML 18Page - STMicroelectronics ISO8200BQ Datasheet HTML 19Page - STMicroelectronics ISO8200BQ Datasheet HTML 20Page - STMicroelectronics ISO8200BQ Datasheet HTML 21Page - STMicroelectronics ISO8200BQ Datasheet HTML 22Page - STMicroelectronics ISO8200BQ Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
ISO8200BQ
Functional description
DocID027303 Rev 4
19/37
Figure 10: Direct control mode time diagram
6.3
Synchronous control mode (SCM)
When SYNC
and LOAD
inputs are independently driven, the device can operate in
synchronous control mode (SCM). The SCM is used to reduce the jittering of the outputs
and to drive all outputs of different devices at the same time.
In SCM the LOAD
signal is forced low to update the input buffer while the SYNC
signal is high. The LOAD
signal is raised and the SYNC
one is forced low for at least
tSYNC(SCM). During this period, the internal refresh is disabled and any pending transmission
between the low voltage and the isolated side is completed. When the SYNC
signal is
raised the channel output configuration is changed according to the one stored in the input.
If the tSYNC(SCM) limit is met, the maximum jitter of the channel outputs is tjitter(SCM).
If more devices share the same SYNC
signal, all device outputs change simultaneously
with a maximum jitter related to maximum delay and maximum jitter for single device.
Table 14: Interface signal operation in synchronous control mode
LOAD
SYNC
OUT_EN
Device behavior
Don’t
care
Don’t care
Low (1)
The outputs are disabled (turned off)
High
High
High
The outputs are left unchanged
Low
High
High
The input buffer is enabled
The outputs are left unchanged
High
Low
High
The internal refresh signal is disabled
The transmission buffer is updated
The outputs are left unchanged
High
Rising
edge
High
The outputs are updated according to the current transmission
buffer value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com