Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1S Datasheet(PDF) 52 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 48Page - STMicroelectronics STGAP1S Datasheet HTML 49Page - STMicroelectronics STGAP1S Datasheet HTML 50Page - STMicroelectronics STGAP1S Datasheet HTML 51Page - STMicroelectronics STGAP1S Datasheet HTML 52Page - STMicroelectronics STGAP1S Datasheet HTML 53Page - STMicroelectronics STGAP1S Datasheet HTML 54Page - STMicroelectronics STGAP1S Datasheet HTML 55Page - STMicroelectronics STGAP1S Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
Programming manual
STGAP1S
52/67
DocID027190 Rev 3
9.2.2
CFG2 register (isolated side)
The CFG2 register has the structure of Table 30.
.
The SENSEth bits set the SENSE comparator threshold according to Table 31. Refer to
Section 7.8 on page 33 for details.
The DESATcurr parameter sets the current sourced by the DESAT pin according to Table 32
and the DESATth parameter sets the DESAT comparator threshold according to Table 33.
Refer to Section 7.6 on page 30 for details.
Table 29. Input deglitch time
INfilter [1 ... 0]
Input deglitch time value [ns]
00
Disabled
0
1
210
1
0
560
11
70
Table 30. CFG2 register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SENSEth
DESATcur
DESATth
Default/reset
000
00
100
Table 31. SENSE threshold
SENSEth [2 ... 0]
SENSE threshold value [mV]
0
0
0
100
0
0
1
125
0
1
0
150
0
1
1
175
1
0
0
200
1
0
1
250
1
1
0
300
1
1
1
400
Table 32. DESAT current
DESATcur [1 ... 0]
DESAT current value [µA]
00
250
01
500
10
750
1
1
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com