Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1S Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 16Page - STMicroelectronics STGAP1S Datasheet HTML 17Page - STMicroelectronics STGAP1S Datasheet HTML 18Page - STMicroelectronics STGAP1S Datasheet HTML 19Page - STMicroelectronics STGAP1S Datasheet HTML 20Page - STMicroelectronics STGAP1S Datasheet HTML 21Page - STMicroelectronics STGAP1S Datasheet HTML 22Page - STMicroelectronics STGAP1S Datasheet HTML 23Page - STMicroelectronics STGAP1S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
Electrical characteristics
STGAP1S
20/67
DocID027190 Rev 3
SPI(1)
tCKmax
5
Maximum SPI clock
frequency
5MHz
trCK
tfCK
SPI clock rise and fall
time
CL = 30 pF
25
ns
thCK
tlCK
SPI clock high and low
time
75
ns
tsetCS
4
CS setup time
350
ns
tholCS
CS hold time
10
ns
tdesCS
CS deselect time(3)
Local register read
800
ns
Remote register read
30
µs
Start configuration
22
Stop configuration
5
Reset status register
50
Reset remote register
25
Any other command
700
ns
tsetSDI
3
SDI setup time
25
ns
tholSDI
SDI hold time
20
ns
tenSDO
2
SDO enable time
38
ns
tdisSDO
SDO disable time
47
ns
tvSDO
SDO valid time
57
ns
tholSDO
SDO hold time
37
ns
tSDLCSL
4,11
SD falling to CS falling
350
ns
tCSHSDH
4,11
CS rising to SD rising
350
ns
1. Characterization data, not tested in production.
2. The actual waiting time depends on the gate charge size.
3.
See Table 22 on page 50 and Section 9.1.3 on page 48.
Table 6. DC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO) (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com