Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1S Datasheet(PDF) 55 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 51Page - STMicroelectronics STGAP1S Datasheet HTML 52Page - STMicroelectronics STGAP1S Datasheet HTML 53Page - STMicroelectronics STGAP1S Datasheet HTML 54Page - STMicroelectronics STGAP1S Datasheet HTML 55Page - STMicroelectronics STGAP1S Datasheet HTML 56Page - STMicroelectronics STGAP1S Datasheet HTML 57Page - STMicroelectronics STGAP1S Datasheet HTML 58Page - STMicroelectronics STGAP1S Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
DocID027190 Rev 3
55/67
STGAP1S
Programming manual
67
9.2.4
CFG4 register (isolated side)
The CFG4 register has the structure of Table 37.
The OVLO_EN bit enables the OVLO protection on the VH and VL power supply according
to Table 38.
The UVLOlatch bit sets if the UVLO is latched or not (refer to Section 7.4 on page 29 for
details).
Table 36. 2-level turn-off time value
2LTOtime [3 ... 0]
2-level turn-off time value [µs]
0000
Disabled
0001
0.75
0010
1.00
0011
1.50
0100
2.00
0101
2.50
0110
3.00
0111
3.50
1000
3.75
1001
4.00
1010
4.25
1011
4.50
1100
4.75
1101
5.00
1110
5.25
1111
5.50
Table 37. CFG4 register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVLO_EN UVLOlatch
VLONth
VHONth
Default/reset
0
0
00
00
Table 38. VH and VL supply voltages OVLO enable
OVLO_EN
OVLO supply voltage enable
0
Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com