Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1S Datasheet(PDF) 51 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 47Page - STMicroelectronics STGAP1S Datasheet HTML 48Page - STMicroelectronics STGAP1S Datasheet HTML 49Page - STMicroelectronics STGAP1S Datasheet HTML 50Page - STMicroelectronics STGAP1S Datasheet HTML 51Page - STMicroelectronics STGAP1S Datasheet HTML 52Page - STMicroelectronics STGAP1S Datasheet HTML 53Page - STMicroelectronics STGAP1S Datasheet HTML 54Page - STMicroelectronics STGAP1S Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
DocID027190 Rev 3
51/67
STGAP1S
Programming manual
67
The CRC_SPI bit enables the CRC check on the SPI communication protocol.
The UVLOD_EN bit enables the UVLO protection on VDD supply voltage.
The SD_FLAG bit sets the SD pin functionality according to Table 26. When the reset of the
failure flags through the SD pin is enabled, keeping low the SD pin for at least trelease
causes all the latched flags of the status registers to be released at next SD rising edge.
The DIAG_EN bit sets if the IN-/DIAG2 pin works as the input or open drain output
according to Table 27. Refer to Section 7.1 on page 25 for details.
The DTset bits set the deadtime value.
The INfilter bits set the input deglitch time tdeglitch for SD, IN- and IN+ pins.
Table 24. CRC enable
CRC_SPI
SPI communication protocol CRC enable
0
Disabled
1
Enabled
Table 25. VDD supply voltage UVLO enable
UVLOD_EN
Supply voltage UVLOD enable
0
Disabled
1
Enabled
Table 26. SD pin FAULT management
SD_FLAG
SD pin functionality
0
SD pin do not reset STATUS registers
1
SD pin reset STATUS registers
Table 27. IN-/DIAG2 pin functionality
DIAG_EN
IN-/DIAG2 pin functionality
0
The IN-/DIAG2 pin work as input
1
The IN-/DIAG2 pin work as open drain output
Table 28. Deadtime
DTset [1 ... 0]
Deadtime value [ns]
00
Disabled
0
1
250
1
0
800
1
1
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com