Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1S Datasheet(PDF) 22 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 18Page - STMicroelectronics STGAP1S Datasheet HTML 19Page - STMicroelectronics STGAP1S Datasheet HTML 20Page - STMicroelectronics STGAP1S Datasheet HTML 21Page - STMicroelectronics STGAP1S Datasheet HTML 22Page - STMicroelectronics STGAP1S Datasheet HTML 23Page - STMicroelectronics STGAP1S Datasheet HTML 24Page - STMicroelectronics STGAP1S Datasheet HTML 25Page - STMicroelectronics STGAP1S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
Logic supply management
STGAP1S
22/67
DocID027190 Rev 3
6
Logic supply management
6.1
Low voltage section voltage regulator
The device integrates in the low voltage section a linear voltage regulator that can be used
to obtain the 3.3 V logic core supply voltage from an external 5 V supply voltage. If an
external 3.3 V supply voltage is available the VDD and VREG have to be shorted as shown
in Figure 3. The logic IOs are referred to the VDD voltage (see Table 6 on page 14 for
details).
Figure 3. Low voltage section 3.3 V voltage regulator
Undervoltage protection is available on the VDD supply pin (disabled by default).
When the VDD voltage goes below the VDDoff threshold the device and its outputs goes in
“safe state” (see Section 6.3) and the UVLOD status flag is forced low. Once the protection
is triggered, the UVLOD flag is latched and the device remains in “safe state” until the
UVLOD flag is not released. See Section 7.11 on page 35 for indication on how the failure
flags can be released.
This protection can be enabled writing the UVLOD_EN bit of the CFG1 register (disabled by
default).
Overvoltage protection is available on the VDD supply pin.
When the VDD voltage goes over the OVVDDoff threshold the device and its outputs goes in
“safe state” and the OVLOD status flag is forced low. The device remains in “safe state” and
the OVLOD flag is latched, see Section 7.11 for indication on how the failure flags can be
released.
VREG
VDD
+5V
LDO
Reg
4.7 µF
100 nF
100 nF
VDD from +5 V power supply
VREG
VDD
+3.3V
LDO
Reg
4.7 µF
100 nF
VDD from +3.3 V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com