Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1S Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 7Page - STMicroelectronics STGAP1S Datasheet HTML 8Page - STMicroelectronics STGAP1S Datasheet HTML 9Page - STMicroelectronics STGAP1S Datasheet HTML 10Page - STMicroelectronics STGAP1S Datasheet HTML 11Page - STMicroelectronics STGAP1S Datasheet HTML 12Page - STMicroelectronics STGAP1S Datasheet HTML 13Page - STMicroelectronics STGAP1S Datasheet HTML 14Page - STMicroelectronics STGAP1S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
DocID027190 Rev 3
11/67
STGAP1S
Electrical data
67
3
Electrical data
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Test condition
Min.
Max.
Unit
dVISO/dt
Common mode transient immunity
VCM = 1500 V
50
V/ns
VDD
Integrated 3.3 V voltage regulator
input voltage vs. GND
-0.30
6.50
V
VREG
Integrated 3.3 V voltage regulator
output voltage vs. GND
-0.30
3.60
V
VREG_ISO
Isolated logic supply voltage vs.
GNDISO
-0.30
3.60
V
VLOGIC
Logic pins voltage vs. GND
-0.30
VDD + 0.30
V
VHL
Differential supply voltage
(VH vs. VL)
-0.30
40
V
VH
Positive supply voltage
(VH vs. GNDISO)
-0.30
40
V
VL
Negative supply voltage
(VL vs. GNDISO)
-15
0.30
V
VOUT
Voltage on gate driver outputs
(GON, GOFF, CLAMP vs. VL)
VL - 0.30
VH + 0.30
V
VDESAT
Voltage on DESAT pin vs. GNDISO
-0.30
VH + 0.30
V
VSENSE
Voltage on SENSE pin vs. GNDISO
-2
(VH + 0.30, 20)min
V
VCECLAMP Voltage on VCECLAMP pin vs. VL
VL - 0.30
VH + 0.30
V
VASC
Voltage on ASC pin vs. GNDISO
-0.30
VH + 0.30
V
IDIAGx
Open drain DC output current
VDIAGx < 0.8 V
20
mA
VDIAGx
Open drain output voltage
-0.30
6.50
V
TJ
Junction temperature
-40
150
°C
TS
Storage temperature
-50
150
°C
TA
Ambient temperature
-40
125
°C
PDin
Power dissipation input chip
fsw = 1 MHz
65
mW
PDout
Power dissipation output chip
(TJ,max - TA)/Rth(JA) - PDin
W
dH/dt
Magnetic field immunity
100
A/(m·s)
ESD
Human body model
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com