Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1S Datasheet(PDF) 21 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STGAP1S Datasheet HTML 17Page - STMicroelectronics STGAP1S Datasheet HTML 18Page - STMicroelectronics STGAP1S Datasheet HTML 19Page - STMicroelectronics STGAP1S Datasheet HTML 20Page - STMicroelectronics STGAP1S Datasheet HTML 21Page - STMicroelectronics STGAP1S Datasheet HTML 22Page - STMicroelectronics STGAP1S Datasheet HTML 23Page - STMicroelectronics STGAP1S Datasheet HTML 24Page - STMicroelectronics STGAP1S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
DocID027190 Rev 3
21/67
STGAP1S
Isolation
67
5
Isolation
Table 7. Isolation and safety-related specifications
Parameter
Symbol Value Unit
Conditions
Clearance
(minimum external air gap)
CLR
8
mm
Measured from input terminals to output terminals, shortest
distance through air
Creepage
(minimum external tracking)
CPG
8
mm
Measured from input terminals to output terminals, shortest
distance path along body
Comparative tracking index
(tracking resistance)
CTI
 400
DIN IEC 112/VDE 0303 Part 1
Isolation group
II
Material group (DIN VDE 0110, 1/89, Table 1)
Table 8. IEC 60747-5-2 isolation characteristics
Parameter
Symbol
Test conditions
Characteristic
Unit
Installation classification (EN 60664-1,
Table 1 - see(1))
For rated mains voltage
 150 V rms
For rated mains voltage
 300 V rms
For rated mains voltage
 600 V rms
I - IV
I - III
I - II
Pollution degree (EN 60664-1)
2
Maximum working isolation voltage
VIORM
1500
VPEAK
Input to output test voltage as
per IEC 60747-5-2
VPR
Method a, type test
VPR = VIORM × 1.6, tm = 10 s
Partial discharge < 5 pC
2400
VPEAK
Method b, 100 % production test
VPR = VIORM × 1.875, tm = 1 s
Partial discharge < 5 pC
2815
VPEAK
Transient overvoltage as per IEC 60747-5-2
(highest allowable overvoltage)
VIOTM tini = 60 s type test
4000
VPEAK
Maximum surge isolation voltage
VIOSM Type test
4000
VPEAK
Isolation resistance
RIO
VIO = 500 V at TS
>109
1. For three-phase systems the values in the table refer to the line-to-neutral voltage.
Table 9. Isolation voltage as per UL 1577
Description
Symbol
Characteristic
Unit
Isolation withstand voltage, 1 min. (type test)
VISO
2500\3536
Vrms\VPEAK
Isolation withstand test, 1 sec. (100% production)
VISOtest
3000\4245
Vrms\VPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com