Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGAP1S
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1S Datasheet(HTML) 1 Page - STMicroelectronics

  STGAP1S Datasheet HTML 1Page - STMicroelectronics STGAP1S Datasheet HTML 2Page - STMicroelectronics STGAP1S Datasheet HTML 3Page - STMicroelectronics STGAP1S Datasheet HTML 4Page - STMicroelectronics STGAP1S Datasheet HTML 5Page - STMicroelectronics STGAP1S Datasheet HTML 6Page - STMicroelectronics STGAP1S Datasheet HTML 7Page - STMicroelectronics STGAP1S Datasheet HTML 8Page - STMicroelectronics STGAP1S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
This is information on a product in full production.
May 2015
DocID027190 Rev 3
1/67
STGAP1S
gapDRIVE™: galvanically isolated single gate driver
Datasheet
- production data
Features
 Qualified for automotive applications according
to AEC-Q100
 High voltage rail up to 1500 V
 Driver current capability: 5 A sink/source
current at 25 °C
 dV/dt transient immunity ± 50 V/ns in full
temperature range
 Overall input/output propagation delay: 100 ns
 Separate sink and source for easy gate driving
configuration
 Negative gate drive ability
 Active Miller clamp
 Desaturation detection
 SENSE input
 VCE active clamping
 Output 2-level turn-off
 Diagnostic status output
 UVLO and OVLO functions
 Programmable input deglitch filter
 Asynchronous stop command
 Programmable deadtime, with violation error
 SPI interface for parameters programming
 Temperature warning and shutdown protection
 Self-diagnostic routines for protection features
 Full effective fault protection
Applications
 600/1200 V inverters
 Inverters for EV\HEV
 EV charging stations
 Industrial drives
 UPS equipment
 DC/DC converters
 Solar inverters
Description
The STGAP1S gapDRIVE™ is a galvanically
isolated single gate driver for N-channel
MOSFETs and IGBTs with advanced protection,
configuration and diagnostic features. The
architecture of the STGAP1S isolates the channel
from the control and the low voltage interface
circuitry through true galvanic isolation.
The gate driver is characterized by 5 A capability,
making the device also suitable for high power
inverter applications such as motor drivers in
hybrid and electric vehicles and in industrial
drives. The output driver section provides a rail-
to-rail output with the possibility to use a negative
gate driver supply.
The input to output propagation delay results
contained within 100 ns, providing high PWM
control accuracy.
Protection functions such as the Miller clamp,
desaturation detection, dedicated sense pin for
overcurrent detection, output 2-level turn-off, VCE
overvoltage protection, UVLO and OVLO are
included to easily design high reliability systems.
Open drain diagnostic outputs are present and
detailed device conditions can be monitored
through the SPI. Each function's parameter can
be programmed via the SPI, making the device
very flexible and allowing it to fit in a wide range of
applications. Separate sink and source outputs
provide high flexibility and bill of material
reduction for external components.
SO24W
www.st.com


Similar Part No. - STGAP1S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
STGAP1ASTR STMICROELECTRONICS-STGAP1ASTR Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
More results

Similar Description - STGAP1S

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
Infineon Technologies A...
1EDI60I12AH INFINEON-1EDI60I12AH Datasheet
223Kb / 2P
1200 V galvanically isolated single-channel wide body gate driver IC family
05 / 2016
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
logo
Laird Tech Smart Techno...
SCU32 LSTD-SCU32 Datasheet
210Kb / 2P
All inputs galvanically isolated
logo
STMicroelectronics
UM2120 STMICROELECTRONICS-UM2120 Datasheet
2Mb / 18P
EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
03-Nov-2016
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com