Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 148 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 144Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 145Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 146Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 147Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 148Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 149Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 150Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 151Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 6-7. C6424 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C1 0794
DFMPPRXY2
EDMA3 TC1 Destination FIFO Memory Protection Proxy Register 2
0x01C1 0798 - 0x01C1 07BF
-
Reserved
0x01C1 07C0
DFOPT3
EDMA3 TC1 Destination FIFO Options Register 3
0x01C1 07C4
DFSRC3
EDMA3 TC1 Destination FIFO Source Address Register 3
0x01C1 07C8
DFCNT3
EDMA3 TC1 Destination FIFO Count Register 3
0x01C1 07CC
DFDST3
EDMA3 TC1 Destination FIFO Destination Address Register 3
0x01C1 07D0
DFBIDX3
EDMA3 TC1 Destination FIFO B-Index Register 3
0x01C1 07D4
DFMPPRXY3
EDMA3 TC1 Destination FIFO Memory Protection Proxy Register 3
0x01C1 07D8 - 0x01C1 07FF
-
Reserved
Transfer Controller 2 Registers
0x01C1 0800
-
Reserved
0x01C1 0804
TCCFG
EDMA3 TC2 Configuration Register
0x01C1 0808 - 0x01C1 08FF
-
Reserved
0x01C1 0900
TCSTAT
EDMA3 TC2 Channel Status Register
0x01C1 0904 - 0x01C1 0910
-
Reserved
0x01C1 0914 - 0x01C1 091F
-
Reserved
0x01C1 0920
ERRSTAT
EDMA3 TC2 Error Status Register
0x01C1 0924
ERREN
EDMA3 TC2 Error Enable Register
0x01C1 0928
ERRCLR
EDMA3 TC2 Error Clear Register
0x01C1 092C
ERRDET
EDMA3 TC2 Error Details Register
0x01C1 0930
ERRCMD
EDMA3 TC2 Error Interrupt Command Register
0x01C1 0934 - 0x01C1 093F
-
Reserved
0x01C1 0940
RDRATE
EDMA3 TC2 Read Command Rate Register
0x01C1 0944 - 0x01C1 09FF
-
Reserved
0x01C1 0A00 - 0x01C1 0A3F
-
Reserved
0x01C1 0A40
SAOPT
EDMA3 TC2 Source Active Options Register
0x01C1 0A44
SASRC
EDMA3 TC2 Source Active Source Address Register
0x01C1 0A48
SACNT
EDMA3 TC2 Source Active Count Register
0x01C1 0A4C
SADST
EDMA3 TC2 Source Active Destination Address Register
0x01C1 0A50
SABIDX
EDMA3 TC2 Active B-Index Register
0x01C1 0A54
SAMPPRXY
EDMA3 TC2 Source Active Memory Protection Proxy Register
0x01C1 0A58
SACNTRLD
EDMA3 TC2 Source Active Count Reload Register
0x01C1 0A5C
SASRCBREF
EDMA3 TC2 Source Active Source Address B-Reference Register
0x01C1 0A60
SADSTBREF
EDMA3 TC2 Source Active Destination Address B-Reference Register
0x01C1 0A64 - 0x01C1 0A7F
-
Reserved
0x01C1 0A80
DFCNTRLD
EDMA3 TC2 Destination FIFO Set Count Reload Register
0x01C1 0A84
DFSRCBREF
EDMA3 TC2 Destination FIFO Set Source Address B-Reference Register
EDMA3 TC2 Destination FIFO Set Destination Address B-Reference
0x01C1 0A88
DFDSTBREF
Register
0x01C1 0A8C - 0x01C1 0AFF
-
Reserved
0x01C1 0B00
DFOPT0
EDMA3 TC2 Destination FIFO Options Register 0
0x01C1 0B04
DFSRC0
EDMA3 TC2 Destination FIFO Source Address Register 0
0x01C1 0B08
DFCNT0
EDMA3 TC2 Destination FIFO Count Register 0
0x01C1 0B0C
DFDST0
EDMA3 TC2 Destination FIFO Destination Address Register 0
0x01C1 0B10
DFBIDX0
EDMA3 TC2 Destination FIFO B-Index Register 0
0x01C1 0B14
DFMPPRXY0
EDMA3 TC2 Destination FIFO Memory Protection Proxy Register 0
0x01C1 0B18 - 0x01C1 0B3F
-
Reserved
148
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com