Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 94 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 90Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 91Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 92Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 93Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 94Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 95Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 96Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 97Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-18. PINMUX1 Register Description (continued)
Bit
Field Name
Description
Pins Controlled
Reserved. For proper device operation, the user should only write "0" to this bit
7
RSV
–
(default).
Host Block Pin Select.
Host Block:
If EMAC operation is desired, EMAC must be placed in reset before
VLYNQ_CLOCK/PCICLK/GP[57]
programming PINMUX1. HOSTBK or PINMUX0.RMII to select EMAC pins.
HD0/VLYNQ_SCRUN/AD18/GP[58]
HD1/VLYNQ_RXD0/AD16/GP[59]
PCIEN = 0 and HOSTBK = 000: GPIO Mode (default if PCIEN = 0).
HD2/VLYNQ_RXD1/AD17/GP[60]
Pins function as GPIO (GP[83:57]).
HD3/VLYNQ_RXD2/PCBE2/GP[61]
HD4/VLYNQ_RXD3/PFRAME/GP[62]
PCIEN = 0 and HOSTBK = 001: HPI + 1 GPIO Mode.
HD5/VLYNQ_TXD0/PIRDY/GP[63]
Pins function as HPI and GPIO (GP[57]).
HD6/VLYNQ_TXD1/PTRDY/GP[64]
PCIEN = 0 and HOSTBK = 010: VLYNQ + 17 GPIO Mode.
HD7/VLYNQ_TXD2/PDEVSEL/GP[65]
Pins function as VLYNQ (VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0],
HD8/VLYNQ_TXD3/PPERR/GP[66]
VLYNQ_TXD[3:0]), and GP[83:67].
HD9/MCOL/PSTOP/GP[67]
HD10/MCRS/PSERR/GP[68]
PCIEN = 0 and HOSTBK = 011: VLYNQ + MII + MDIO Mode.
HD11/MTXD3/PCBE1/GP[69]
Pins function as VLYNQ (VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0],
HD12/MTXD2/PPAR/GP[70]
VLYNQ_TXD[3:0]), MII (TXCLK, CRS, COL, TXD[3:0], RXVD, TXEN, RXER,
6:4
HOSTBK
HD13/MTXD1/AD14/GP[71]
RXCLK, RXD[3:0]), and MDIO (MDIO, MDC).
HD14/MTXD0/AD15/GP[72]
When EMAC(MII) is selected, EMAC(RMII) must not be selected.
HD15/MTXCLK/AD12/GP[73]
PINMUX0.RMII must be set to 0.
HHWIL/MRXDV/AD13/GP[74]
HCNTL1/MTXEN/AD11/GP[75]
PCIEN = 0 and HOSTBK = 100: MII + MDIO +10 GPIO Mode.
HCNTL0/MRXER/AD10/GP[76]
Pins function as MII (TXCLK, CRS, COL, TXD[3:0], RXVD, TXEN, RXER,
HR/W/MRXCLK/AD8/GP[77]
RXCLK, RXD[3:0]), MDIO (MDIO, MDC), and GP[66:57].
HDS2/MRXD0/AD9/GP[78]
When EMAC(MII) is selected, EMAC(RMII) must not be selected.
HDS1/MRXD1/AD7/GP[79]
PINMUX0.RMII must be set to 0.
HRDY/MRXD2/PCBE0/GP[80]
HCS/MDCLK/AD5/GP[81]
PCIEN = 1 and HOSTBK = 000: PCI Mode (default if PCIEN = 1).
HINT/MRXD3/AD6/GP[82]
Pins function as PCI pins: PCICLK, PCBE2, PCBE1, PCBE0, PFRAME,
HAS/MDIO/AD3/GP[83]
PIDRDY, PTRDY, PDEVSEL, PPER, PSTOP, PSERR, PPAR, AD[18:5], and
AD03.
The combination of PINMUX1 fields PCIEN and
HOSTBK select the function of these 27 pins.
All other PCIEN and HOSTBK combinations reserved.
Reserved. For proper device operation, the user should only write "0" to this bit
3:1
RESERVED
–
(default).
94
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com