Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 68 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 64Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 65Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 66Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 67Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 68Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 69Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 70Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 71Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Most C6424 3.3-V I/Os can be powered-down to reduce power consumption. The VDD3P3V_PWDN
register in the System Module (see Figure 3-1) is used to selectively power down unused 3.3-V I/O pins.
For independent control, the 3.3-V I/Os are separated into functional groups—most of which are named
according to the pin multiplexing groups (see Table 3-2). For these I/O groups, only the I/O buffers needed
for Host/EMIFA Boot or Power-Up Operations are powered up by default (CLKOUT Block, EMIFA Block,
Host Block, PCI Data Block, and GPIO Block).
Note: To save power, all other I/O buffers are powered down by default. Before using these pins, the user
must program the VDD3P3V_PWDN register to power up the corresponding I/O buffers.
For a list of multiplexed pins on the device and the pin mux group each pin belongs to, see
Section 3.7.3.1, Multiplexed Pins on C6424.
Note: The VDD3P3V_PWDN register only controls the power to the I/O buffers. The Power and Sleep
Controller (PSC) determines the clock/power state of the peripheral.
31
16
RESERVED
R-0000 0000 0000 0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
PCIDA
EMBK
UR0F
UR0D
TIMER TIMER
SP
PWM1
GPIO
HOST
EMBK
EMBK
EMBK
CLKO
T
3
C
AT
1
0
2
1
0
UT
R-00
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-1. VDD3P3V_PWDN Register— 0x01C4 0048
Table 3-2. VDD3P3V_PWDN Register Bit Descriptions(1)
BIT
NAME
DESCRIPTION
31:14
RESERVED
Reserved. Read-only, writes have no effect.
PCI Data Block I/O Power Down Control.
Controls the power of the 3 I/O pins in the PCI Data Block.
13
PCIDAT
0 = I/O pins powered up [default].
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z).
EMIFA Sub-Block 3 I/O Power Down Control.
Controls the power of the 8 I/O pins in the EMIFA Sub-Block 3.
12
EMBK3
0 = I/O pins powered up [default].
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z).
UART0 Flow Control Block I/O Power Down Control.
Controls the power of the 2 I/O pins in the UART0 Flow Control Block.
11
UR0FC
0 = I/O pins powered up.
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z) [default].
UART0 Data Block I/O Power Down Control.
Controls the power of the 2 I/O pins in the UART0 Data Block.
10
UR0DAT
0 = I/O pins powered up.
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z) [default].
Timer1 Block I/O Power Down Control.
Controls the power of the 2 I/O pins in the Timer1 Block.
9
TIMER1
0 = I/O pins powered up.
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z) [default].
(1)
For more details on I/O pins belonging to each pin mux block, see Section 3.7 , Multiplexed Pin Configurations.
68
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com