Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 89 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 85Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 86Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 87Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 88Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 89Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 90Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 91Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 92Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
3.7.1
Pin Muxing Selection At Reset
This section summarizes pin mux selection at reset.
The configuration pins AEM[2:0] and PCIEN latched at device reset determine default pin muxing for the
following Pin Mux Blocks:
EMIFA Block: default pin mux determined by AEM[2:0], RMII, and PCIEN. After reset, software may
modify settings in the PINMUX0 register to fine tune pin muxing in this block. However, after
reset, software is not allowed to modify PINMUX1.PCIEN setting to change PCI pinout.
PCIEN = 0, AEM[2:0] = 000b, RMII = 0: Major Config Option A is selected. This block defaults to 58
GPIO pins.
PCIEN = 0, AEM[2:0] = 010b, RMII = 0: Major Config Option C is selected. This block defaults to
16-bit EMIFA (Async) Pinout Mode 2, plus 13 to 16 GPIO pins.
PCIEN = 0, AEM[2:0] = 101b, RMII = 0: Major Config Option E is selected. This block defaults to
8-bit EMIFA (NAND) Pinout Mode 5, plus 44 to 47 GPIO pins.
PCIEN = 1, AEM[2:0] = 000b, RMII = 0: Major Config Option G is selected. This block defaults to
PCI and 42 GPIO pins.
PCIEN = 1, AEM[2:0] = 101b, RMII = 0: Major Config Option J is selected. This block defaults to
PCI, 8-bit EMIFA (NAND) Pinout Mode 5, and 28 to 31 GPIO pins.
Host Block: default pin mux determined by PCIEN.
PCIEN = 0: the 27 pins in Host Block default to GPIO function. Software may program
PINMUX1.HOSTBK to modify pin functions after reset.
PCIEN = 1: the 27 pins in Host Block serve as PCI pins. Software is not allowed to modify this
setting after reset.
GPIO Block: pin function determined by PCIEN configuration pin.
PCIEN = 0: the 4 pins in GPIO Block serve as GPIO pins. Software is not allowed to modify this
setting after reset.
PCIEN = 1: the 4 pins in GPIO Block serve as PCI pins. Software is not allowed to modify this
setting after reset.
PCI Data Block: pin function determined by PCIEN.
PCIEN = 0: the 3 pins in PCI Data Block have no function and should be left unconnected.
Software is not allowed to modify this setting after reset.
PCIEN = 1: the 3 pins in PCI Data Block serve as PCI pins. Software is not allowed to modify
this setting after reset.
For a description of the PINMUX0 and PINMUX1 registers and more details on pin muxing, see
Section 3.7.2.
3.7.2
Pin Muxing Selection After Reset
The PINMUX0 and PINMUX1 registers in the System Module allow software to select the pin functions in
the Pin Mux Blocks. The pin control of some of the Pin Mux Blocks requires a combination of
PINMUX0/PINMUX1 bit fields. For more details on the combination of the PINMUX bit fields that control
each muxed pin, see Section 3.7.3.1, Multiplexed Pins on C6424.
This section only provides an overview of the PINMUX0 and PINMUX1 registers. For more detailed
discussion on how to program each Pin Mux Block, see Section 3.7.3, Pin Multiplexing Details.
3.7.2.1
PINMUX0 Register Description
The Pin Multiplexing 0 Register (PINMUX0) controls the pin function in the EMIFA Block. The PINMUX0
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
89
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com