Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 78 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 74Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 75Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 76Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 77Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 78Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 79Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 80Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 81Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-7. BOOTCFG Register Description (continued)
Bit
Field Name
Description
Fastboot (see Section 3.4.1.1, FASTBOOT)
This field is used by the device bootloader code to determine if it needs to speed up the device to PLL mode
before booting.
19
FASTBOOT
0 = No Fastboot
1 = Fastboot
The default value is latched from FASTBOOT configuration pin.
18
RSV
Reserved. Writes have no effect.
PINMUX1.PCIEN Default (see Section 3.5.1.5, PCI Enable)
For more details on the PCIEN settings, see Section 3.7.2.2, PINMUX1 Register Description.
This field affects the pin mux control by setting the default of PINMUX1.PCIEN. This field determines if the
internal pullup/pulldown resistors on the PCI capable pins are enabled/disabled. This field does not affect PCI
17
DPCIEN
register setting.
The user must keep the value on the PCIEN pin constant throughout the operation.
The default value is from the PCIEN configuration pin.
EMIFA CS2 Bus Width Default Configuration ( see Section 3.5.1.1, EMIFA CS2 Bus Width (8_16))
0 = EMIFA CS2 space defaults to 8-bit data bus width
1 = EMIFA CS2 space defaults to 16-bit bus width
16
8_16
This field does not affect pin mux control. This field affects the EMIFA register setting—the default of EMIFA
register field A1CR.ASIZE is set to this 8_16 value.
The default value is latched from the 8_16 configuration pin.
15
RSV
Reserved. Writes have no effect.
Fastboot PLL Multiplier Select [PLLMS] (see Section 3.5.1.3, Fast Boot PLL Multiplier Select [PLLMS])
14:12
PLLMS
If FASTBOOT = 1, this field selects the FASTBOOT PLL Multiplier according to Table 3-6.
The default value is latched from the PLLMS[2:0] configuration pins.
11
RSV
Reserved. Writes have no effect.
PINMUX0.AEM default [DAEM] (see Section 3.5.1.2, EMIFA Pinout Mode (AEM[2:0]))
For more details on the AEM settings, see Section 3.7.2.1, PINMUX0 Register Description.
10:8
DAEM
This field affects pin mux control by setting the default of PINMUX0.AEM. This field does not affect EMIFA
Register settings.
The default value is latched from the AEM[2:0] configuration pins.
7:4
RESERVED
Reserved. Writes have no effect.
Boot Mode (see Section 3.4.1, Boot Modes)
3:0
BOOTMODE
This field is used in conjunction with FASTBOOT, PCIEN, and PLLMS to determine the device boot mode.
The default value is latched from the BOOTMODE[3:0] configuration pins.
3.4.2.2
BOOTCMPLT Register
If the bootloader code detects an error during boot, it records the error status in the Boot Complete
(BOOTCMPLT) register.
In addition, the BOOTCMPLT register is used for communication between the external host and the
bootloader code during a Host Boot (PCI Boot or HPI boot). Once the external host has completed boot, it
must perform the following communication with the bootloader code:
•
Write the desired 32-bit CPU starting address in the DSPBOOTADDR register (see Section 3.4.2.3,
DSPBOOTADDR Register).
78
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com