Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 85 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 81Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 82Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 83Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 84Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 85Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 86Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 87Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 88Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
3.6.2
Peripheral Selection After Device Reset
After device reset, most peripheral configurations are done within the peripheral’s registers. This section
discusses some additional peripheral controls in the System Module. For information on multiplexed pin
controls that determine what peripheral pins are brought out to the pins, see Section 3.7, Multiplexed Pin
Configurations.
3.6.2.1
HPI Control Register (HPICTL)
The HPI Control (HPICTL) register determines the Host Burst Write Time-Out value. The user should
only modify this register once during device initialization. When modifying this register, the user
must ensure the HPI FIFOs are empty and there are no on-going HPI transactions.
31
16
RESERVED
R-0000 0000 0000 0000
15
10
9
8
7
0
RESERVED
RESERVED
TIMOUT
R- 0000 00
R/W-00
R/W-1000 0000
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-7. HPICTL Register— 0x01C4 0030
Table 3-14. HPICTL Register Description
Bit
Field Name
Description
31:10
RESERVED Reserved. Read-only, writes have no effect.
9:8
RESERVED Reserved. For proper device operation, the user should only write "0" to these bits (default).
Host Burst Write Timeout Value
When the HPI time-out counter reaches the value programmed here, the HPI write FIFO content is flushed. For
7:0
TIMOUT
more details on the time-out counter and its use in write bursting, see the TMS320C642x DSP Host Port
Interface (HPI) User's Guide (literature number SPRUEM9).
3.6.2.2
Timer Control Register (TIMERCTL)
The Timer Control Register (TIMERCTL) provides additional control for Timer0 and Timer2. The user
should only modify this register once during device initialization, when the corresponding Timer is
not in use.
Timer 2 Control: The TIMERCTL.WDRST bit determines if the WatchDog timer event (Timer 2) can
cause a device max reset. For more details on the description of a maximum reset, see Section 6.5.3,
Maximum Reset.
Timer 0 Control: The TINP0SEL bit selects the clock source connected to Timer0's TIN0 input.
31
16
RESERVED
R-0000 0000 0000 0000
15
2
1
0
TINP0
WD
RESERVED
SEL
RST
R- 0000 0000 0000 00
R/W-0
R/W-1
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-8. TIMERCTL Register— 0x01C4 0084
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
85
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com