Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 86 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 82Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 83Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 84Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 85Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 86Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 87Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 88Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 89Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-15. TIMERCTL Register Description
Bit
Field Name
Description
31:2
RESERVED Reserved. Read-Only, writes have no effect.
Timer0 External Input (TIN0) Select
0 = Timer0 external input comes directly from the TINP0L pin (default).
1
TINP0SEL
1 = Timer0 external input is TINP0L pin divided by 6. For example, if TINP0L = 25MHz, Timer0 input TIN0 is
25MHz / 6 = 4.2 MHz.
WatchDog Reset Enable
0
WDRST
0 = WatchDog Timer Event (WDINT from Timer2) does not cause device reset.
1 = WatchDog Timer Event (WDINT from Timer2) causes a device max reset (default).
3.6.2.3
EDMA TC Configuration Register (EDMATCCFG)
The EDMA Transfer Controller Configuration (EDMATCCFG) register configures the default burst size
(DBS) for EDMA TC0, EDMA TC1, and EDMA TC2. For more information on the correct usage of DBS,
see the TMS320C642x DSP Enhanced Direct Memory Access (EDMA) Controller User's Guide (literature
number SPRUEM5). The user should only modify this register once during device initialization and
when the corresponding EDMA TC is not in use.
31
16
RESERVED
R-0000 0000 0000 0000
15
6
5
4
3
2
1
0
RESERVED
TC2DBS
TC1DBS
TC0DBS
R-0000 0000 00
R/W-10
R/W-01
R/W-00
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-9. EDMATCCFG Register— 0x01C4 0088
Table 3-16. EDMATCCFG Register Description
Bit
Field
Description
31:6
RESERVED Reserved. Read-Only, writes have no effect.
EDMA TC2 Default Burst Size
00 = 16 byte
01 = 32 byte
10 = 64 byte (default)
5:4
TC2DBS
11= reserved
EDMA TC2 is intended for PCI or miscellaneous transfers.
TC2 FIFO size is 128 bytes, regardless of Default Burst Size setting.
EDMA TC1 Default Burst Size
00 = 16 byte
01 = 32 byte (default)
10 = 64 byte
3:2
TC1DBS
11 = reserved
EDMA TC1 is intended for high throughput bulk transfers.
TC1 FIFO size is 256 bytes, regardless of Default Burst Size setting.
EDMA TC0 Default Burst Size
00 = 16 byte (default)
01 = 32 byte
10 = 64 byte
1:0
TC0DBS
11 = reserved
EDMA TC0 is intended for short burst transfers with stringent deadlines (e.g., McBSP, McASP).
TC0 FIFO size is 128 bytes, regardless of Default Burst Size setting.
86
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com