Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 80 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 76Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 77Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 78Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 79Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 80Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 81Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 82Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 83Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-9. DSPBOOTADDR Register Description
Bit
Field Name
Description
DSP Boot Address
After boot, the C64x+ CPU begins execution from this 32-bit address location
0x0010 0000 (for Internal Bootloader ROM).
or
0x4200 0000 (for EMIFA CS2 Space).
31:0
DSPBOOTADDR
The lower 10 bits (bits 9:0) should always be programmed to "0" as they are ignored by the
C64x+.
Default depends on boot mode selected.
See Table 3-4, Non-Fastboot Modes and Table 3-5, User-Select Multiplier Fastboot Modes.
At device reset, the Boot Controller defaults DSPBOOTADDR to one of two values (either Internal
Bootloader ROM at address 0x0010 0000 or EMIFA CS2 Space 0x4200 0000) based on the boot mode
selected (for the boot mode selections, see Table 3-4 and Table 3-5).
For Non-Host Boot Modes, software can leave the DSPBOOTADDR register at default.
For Host Boots (HPI Boot or PCI Boot), the DSPBOOTADDR register is also used for communication
between the Host and the bootloader code during boot. For Host Boots, the DSPBOOTADDR register
defaults to Internal Bootloader ROM, and the C64x+ CPU is immediately released from reset so that it can
begin executing the bootloader code in this internal ROM. The bootloader code waits for the Host to boot
the device. Once the Host is done booting the device, it must write a new starting address into the
DSPBOOTADDR register, and follow with writing BOOTCMPLT.BC = 1 to indicate the boot is complete.
As soon as the bootloader code detects BOOTCMPLT.BC = 1, it instructs the CPU to jump to this new
DSPBOOTADDR address. At this point, the CPU continues the rest of the code execution starting from
the new DSPBOOTADDR location and the boot is completed.
3.5
Configurations At Reset
Some device configurations are determined at reset. The following subsections give more details.
3.5.1
Device and Peripheral Configurations at Device Reset
Table 2-7, BOOT Terminal Functions, lists the device boot and configuration pins that are latched at
device reset for configuring basic device settings for proper device operation. Table 3-10 summarizes the
device boot and configuration pins, and the device functions that they affect.
80
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com