Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 42 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 38Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 39Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 40Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 41Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 42Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 43Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 44Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 45Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-14. DDR2 Memory Controller Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
DESCRIPTION
ZWT
ZDU
(3)
NAME
NO.
NO.
DDR2 Memory Controller
DDR_CLK
W7
AB7
I/O/Z
DVDDR2
DDR2 Clock Output
DDR_CLK
W8
AB8
I/O/Z
DVDDR2
DDR2 Differential Clock Output
DDR_CKE
V8
AA8
I/O/Z
DVDDR2
DDR2 Clock Enable Output
DDR_CS
T9
Y11
I/O/Z
DVDDR2
DDR2 Active Low Chip Select Output
DDR_WE
T8
Y10
I/O/Z
DVDDR2
DDR2 Active Low Write Enable Output
DDR_DQM[3]
T16
Y18
I/O/Z
DVDDR2
DDR2 Data Mask Outputs
DQM3: For upper byte data bus DDR_D[31:24]
DDR_DQM[2]
T14
Y15
I/O/Z
DVDDR2
DQM2: For DDR_D[23:16]
DDR_DQM[1]
T6
Y7
I/O/Z
DVDDR2
DQM1: For DDR_D[15:8]
DQM0: For lower byte DDR_D[7:0]
DDR_DQM[0]
T4
Y4
I/O/Z
DVDDR2
DDR_RAS
U7
Y8
I/O/Z
DVDDR2
DDR2 Row Access Signal Output
DDR_CAS
T7
Y9
I/O/Z
DVDDR2
DDR2 Column Access Signal Output
DDR_DQS[0]
U4
AA4
I/O/Z
DVDDR2
Data strobe input/outputs for each byte of the 32-bit data bus.
They are outputs to the DDR2 memory when writing and inputs
DDR_DQS[1]
U6
AA7
I/O/Z
DVDDR2
when reading. They are used to synchronize the data
DDR_DQS[2]
U14
AA15
I/O/Z
DVDDR2
transfers.
DQS3 : For upper byte DDR_D[31:24]
DQS2: For DDR_D[23:16]
DDR_DQS[3]
U16
AA18
I/O/Z
DVDDR2
DQS1: For DDR_D[15:8]
DQS0: For bottom byte DDR_D[7:0]
DDR_BA[0]
U8
AA9
Bank Select Outputs (BS[2:0]). Two are required to support
DDR_BA[1]
V9
AB9
I/O/Z
DVDDR2
1Gb DDR2 memories.
DDR_BA[2]
U9
AB10
DDR_A[12]
W9
AA10
DDR_A[11]
W10
AA11
DDR_A[10]
U10
AB11
DDR_A[9]
U11
AA12
DDR_A[8]
V10
Y12
DDR_A[7]
V11
AB12
DDR_A[6]
W11
AA13
I/O/Z
DVDDR2
DDR2 Address Bus Output
DDR_A[5]
W12
Y13
DDR_A[4]
V12
AB13
DDR_A[3]
U12
AA14
DDR_A[2]
V13
Y14
DDR_A[1]
U13
AB14
DDR_A[0]
W13
AB15
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Fore more information, see the Recommended Operating Conditions table
42
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com