Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 156 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 152Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 153Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 154Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 155Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 156Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 157Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 158Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 159Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
their respective peripheral (after the peripheral is enabled by the PSC).
•
Low Group: These pins are low by default, and remain low until configured otherwise by their
respective peripheral (after the peripheral is enabled by the PSC).
•
High Group: These pins are high by default, and remain high until configured otherwise by their
respective peripheral (after the peripheral is enabled by the PSC).
•
Z/Low Group (Z-to-Low Group): These pins are 3-stated when device-level global reset source (e.g.,
POR, RESET or Max Reset) is asserted. When the reset source is deasserted, these pins drive a logic
low.
•
Z/High Group (Z-to-High Group): These pins are 3-stated when device-level global reset source
(e.g., POR, RESET or Max Reset) is asserted. When reset source is deasserted, these pins drive a
logic high.
•
Clock Group: These clock pins are toggling by default. They paused momentarily before RESETOUT
is deasserted (high). The only pin in the Clock Group is CLKOUT0.
This is a list of possible default peripherals and how they control the pins during reset:
•
GPIO: All GPIO pins behave according to Z Group.
Note: The following EMIFA list only includes pins that can default to function as EMIFA signals.
•
EMIFA: These EMIFA signals are multiplexed with boot and configuration pins: EM_A[4], EM_A[2:0],
EM_BA[0], EM_BA[1]; therefore, they are forced 3-stated throughout RESETOUT.
–
Z+/Low Group: EM_A[4], EM_A[2:0]
–
Z+/High Group: EM_BA[0], EM_BA[1], EM_OE, EM_WE
–
Z+/Invalid Group: EM_D[15:0]
–
Z/Low Group: EM_A[21:5], EM_A[3], EM_R/W
–
Z/High Group: EM_CS2
–
Z Group: EM_WAIT
•
DDR2 Memory Controller:
–
Clock Group: DDR_CLK, DDR_CLK
–
DDR2 Z Group: DDR_DQM[3:0], DDR_DQS[3:0], DDR_D[31:0]
–
DDR2 Low Group: DDR_CKE, DDR_BS[2:0], DDR_A[12:0]
–
DDR2 High Group: DDR_CS, DDR_WE, DDR_RAS, DDR_CAS
•
PCI: All PCI pins behave according to Z Group.
•
I2C: All I2C pins behave according to Z Group.
•
JTAG: TDO, EMU0, and EMU1 pins behave according to Z Group. TCK, TDI, TMS, and TRST are
input-only pins.
•
Clock: CLKOUT0
For more information on the pin behaviors during device-level global reset, see Figure 6-7 and Figure 6-8
in Section 6.5.9, Reset Electrical Data/Timing.
156
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com