Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 183 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 179Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 180Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 181Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 182Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 183Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 184Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 185Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 186Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 249 page
background image
Clock
Prescale
ICPSC
PeripheralClock
(DSP/18)
ICCLKH
Generator
BitClock
ICCLKL
Noise
Filter
SCL
ICXSR
ICDXR
Transmit
Transmit
Shift
Transmit
Buffer
ICDRR
Shift
ICRSR
Receive
Buffer
Receive
Receive
Filter
SDA
I2CData
Noise
ICOAR
ICSAR
Slave
Address
Control
Address
Own
ICMDR
ICCNT
Mode
Data
Count
Vector
Interrupt
Interrupt
Status
ICIVR
ICSTR
Mask/Status
Interrupt
ICIMR
Interrupt/DMA
I2CModule
I2CClock
Shadingdenotescontrol/statusregisters.
ICEMDR
Extended
Mode
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.11 Inter-Integrated Circuit (I2C)
The inter-integrated circuit (I2C) module provides an interface between C6424 and other devices
compliant with Philips Semiconductors Inter-IC bus (I2C-bus™) specification version 2.1. External
components attached to this 2-wire serial bus can transmit/receive up to 8-bit data to/from the DSP
through the I2C module. The I2C port does not support CBUS compatible devices.
The I2C port supports:
•
Compatible with Philips I2C Specification Revision 2.1 (January 2000)
•
Fast Mode up to 400 Kbps (no fail-safe I/O buffers)
•
Noise Filter to Remove Noise 50 ns or less
•
Seven- and Ten-Bit Device Addressing Modes
•
Master (Transmit/Receive) and Slave (Transmit/Receive) Functionality
•
Events: DMA, Interrupt, or Polling
•
Slew-Rate Limited Open-Drain Output Buffers
Figure 6-20. I2C Module Block Diagram
For more detailed information on the I2C peripheral, see the TMS320C642x DSP Peripherals Overview
Reference Guide (literature number SPRUEM3).
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
183
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com