Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 193 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 193 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 189Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 190Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 191Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 192Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 193Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 194Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 195Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 196Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.13 Multichannel Buffered Serial Port (McBSP)
The McBSP provides these functions:
•
Full-duplex communication
•
Double-buffered data registers, which allow a continuous data stream
•
Independent framing and clocking for receive and transmit
•
Direct interface to industry-standard codecs, analog interface chips (AICs), and other serially
connected analog-to-digital (A/D) and digital-to-analog (D/A) devices
•
External shift clock or an internal, programmable frequency shift clock for data transfer
If internal clock source is used, the CLKGDV field of the Sample Rate Generator Register (SRGR) must
always be set to a value of 1 or greater.
For more detailed information on the McBSP peripheral, see the TMS320C642x DSP Multichannel
Buffered Serial Port (McBSP) User's Guide (literature number SPRUEN2).
6.13.1 McBSP Peripheral Register Description(s)
Table 6-38. McBSP 0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
The CPU and EDMA3
controller can only read
01D0 0000
DRR0
McBSP0 Data Receive Register
this register; they cannot
write to it.
01D0 0004
DXR0
McBSP0 Data Transmit Register
01D0 0008
SPCR0
McBSP0 Serial Port Control Register
01D0 000C
RCR0
McBSP0 Receive Control Register
01D0 0010
XCR0
McBSP0 Transmit Control Register
01D0 0014
SRGR0
McBSP0 Sample Rate Generator register
01D0 0018
MCR0
McBSP0 Multichannel Control Register
McBSP0 Enhanced Receive Channel Enable Register
01D0 001C
RCERE00
0 Partition A/B
McBSP0 Enhanced Transmit Channel Enable Register
01D0 0020
XCERE00
0 Partition A/B
01D0 0024
PCR0
McBSP0 Pin Control Register
McBSP0 Enhanced Receive Channel Enable Register
01D0 0028
RCERE10
1 Partition C/D
McBSP0 Enhanced Transmit Channel Enable Register
01D0 002C
XCERE10
1 Partition C/D
McBSP0 Enhanced Receive Channel Enable Register
01D0 0030
RCERE20
2 Partition E/F
McBSP0 Enhanced Transmit Channel Enable Register
01D0 0034
XCERE20
2 Partition E/F
McBSP0 Enhanced Receive Channel Enable Register
01D0 0038
RCERE30
3 Partition G/H
McBSP0 Enhanced Transmit Channel Enable Register
01D0003C
XCERE30
3 Partition G/H
01D0 0040 - 01D0 07FF
-
Reserved
Table 6-39. McBSP 1 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
The CPU and EDMA
controller can only read
01D0 0800
DRR1
McBSP1 Data Receive Register
this register; they cannot
write to it.
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
193
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com