Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 204 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 204 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 200Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 201Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 202Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 203Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 204Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 205Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 206Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 207Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.14.1.2
McASP0 Peripheral Register Description(s)
Table 6-51. McASP0 Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01D0 1000
PID
Peripheral Identification register [Register value: 0x0010 0101]
01D0 1004
–
Reserved
01D0 1008
–
Reserved
01D0 100C
–
Reserved
01D0 1010
PFUNC
Pin function register
01D0 1014
PDIR
Pin direction register
01D0 1018
–
Reserved
01D0 101C
–
Reserved
01D0 1020
–
Reserved
01D0 1024 – 01D0 1040
–
Reserved
01D0 1044
GBLCTL
Global control register
01D0 1048
AMUTE
Mute control register
01D0 104C
DLBCTL
Digital Loop-back control register
01D0 1050
DITCTL
DIT mode control register
01D0 1054 – 01D0 105C
–
Reserved
Alias of GBLCTL containing only Receiver Reset bits, allows transmit to be reset
01D0 1060
RGBLCTL
independently from receive.
01D0 1064
RMASK
Receiver format UNIT bit mask register
01D0 1068
RFMT
Receive bit stream format register
01D0 106C
AFSRCTL
Receive frame sync control register
01D0 1070
ACLKRCTL
Receive clock control register
01D0 1074
AHCLKRCTL
High-frequency receive clock control register
01D0 1078
RTDM
Receive TDM slot 0–31 register
01D0 107C
RINTCTL
Receiver interrupt control register
01D0 1080
RSTAT
Status register – Receiver
01D0 1084
RSLOT
Current receive TDM slot register
01D0 1088
RCLKCHK
Receiver clock check control register
01D0 108C – 01D0 109C
–
Reserved
Alias of GBLCTL containing only Transmitter Reset bits, allows transmit to be reset
01D0 10A0
XGBLCTL
independently from receive.
01D0 10A4
XMASK
Transmit format UNIT bit mask register
01D0 10A8
XFMT
Transmit bit stream format register
01D0 10AC
AFSXCTL
Transmit frame sync control register
01D0 10B0
ACLKXCTL
Transmit clock control register
01D0 10B4
AHCLKXCTL
High-frequency Transmit clock control register
01D0 10B8
XTDM
Transmit TDM slot 0–31 register
01D0 10BC
XINTCTL
Transmit interrupt control register
01D0 10C0
XSTAT
Status register – Transmitter
01D0 10C4
XSLOT
Current transmit TDM slot
01D0 10C8
XCLKCHK
Transmit clock check control register
204
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com