Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 233 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 233 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 229Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 230Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 231Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 232Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 233Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 234Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 235Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 236Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 249 page
background image
VLYNQ_CLK
VLYNQ_TXD[3:0]
VLYNQ_RXD[3:0]
1
2
3
4
Data
Data
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 6-86. Timing Requirements for Receive Data for the VLYNQ Module(1) (see Figure 6-46)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
RTM disabled, RTM sample = 3
1.75
ns
Setup time, VLYNQ_RXD[3:0] valid before
3
tsu(RXDV-VCLKH)
VLYNQ_CLK high
RTM enabled
(1)
ns
RTM disabled, RTM sample = 3
3
ns
Hold time, VLYNQ_RXD[3:0] valid after
4
th(VCLKH-RXDV)
VLYNQ_CLK high
RTM enabled
(1)
ns
(1)
The VLYNQ receive timing manager (RTM) is a serial receive logic designed to eliminate setup and hold violations that could occur in
traditional input signals. RTM logic automatically selects the setup and hold timing from one of eight data flops (see Table 6-87 ). When
RTM logic is disabled, the setup and hold timing from the default data flop (3) is used.
Table 6-87. RTM RX Data Flop Hold/Setup Timing
Constraints (Typical Values)
RX Data Flop
HOLD (Y)
SETUP (X)
0
1.3
0.9
1
1.4
0.7
2
1.5
-0.4
3
1.6
-0.6
4
1.8
-0.8
5
2.0
-1.0
6
2.2
-1.1
7
2.4
-1.2
Figure 6-46. VLYNQ Transmit/Receive Timing
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
233
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com