Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 106 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 102Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 103Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 104Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 105Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 106Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 107Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 108Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 109Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-27 summarizes the 2 pins in the UART0 Flow Control Block, the multiplexed function on each pin,
and the PINMUX configurations to select the corresponding function.
Table 3-27. UART0 Flow Control Block Muxed Pins Selection
MULTIPLEXED FUNCTIONS
SIGNAL
UART0
PWM0
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
UCTS0/
UCTS0
–
–
GP[87]
UR0FCBK = 00/10
GP[87]
UR0FCBK = 01
URTS0/
PWM0/
URTS0
PWM0
UR0FCBK = 10
GP[88]
UR0FCBK = 00
GP[88]
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, the UART0 pins span
across two Pin Mux Blocks: UART0 Data Block, and UART0 Flow Control Block. For proper UART0
operation, the two pins in the UART0 Data Block must be configured for UART0 data functions. The two
pins in the UART0 Flow Control Block are optional.
Table 3-28 provides a different view of the UART0 Flow Control Block pin muxing, showing the UART0
Flow Control Block function based on PINMUX1.UR0FCBK setting. The selection options are also shown
pictorially in Figure 3-10.
Table 3-28. UART0 Flow Control Block Function Selection
PINMUX1.UR0FCBK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (2) (default)
GPIO: GP[88:87]
01
UART0 Flow Control
UART0: UCTS0, URTS0
PWM0: PWM0
10
PWM0 + GPIO (1)
GPIO: GP[87]
11
Reserved
Reserved
In addition, the VDD3P3V_PWDN.UR0FC field determines the power state of the UART0 Flow Control
Block pins. The UART0 Flow Control Block pins default to powered down and not operational. To use
these pins, user must first program VDD3P3V_PWDN.UR0FC = 0 to power up the pins. For more details
on the VDD3P3V_PWDN.UR0FC field, see Section 3.2, Power Considerations.
The UART0 Flow Control Block features internal pullup resistors, which matches the UART inactive
polarity.
3.7.3.8
Timer0 Block
This block of 2 pins consists of Timer0, McBSP0, McBSP1, and GPIO muxed pins. The
PINMUX1.TIM0BK register field selects the pin functions in the Timer0 Block.
Table 3-29 summarizes the 2 pins in the Timer0 Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
Table 3-29. Timer0 Block Muxed Pins Selection
MULTIPLEXED FUNCTIONS
SIGNAL
McBSP
Timer0
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
CLKS1/
TINP0L/
CLKS1
TIM0BK = 10
TINP0L
TIM0BK = 01/11
GP[98]
GP[98]
TIM0BK = 00
CLKS0/
TOUT0L/
CLKS0
TIM0BK = 10/11
TOUT0L
TIM0BK = 01
GP[97]
GP[97]
106
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com