Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 121 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 117Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 118Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 119Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 120Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 121Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 122Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 123Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 124Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
3.9
Debugging Considerations
3.9.1
Pullup/Pulldown Resistors
Proper board design should ensure that input pins to the C642x DSP device always be at a valid logic
level and not floating. This may be achieved via pullup/pulldown resistors. The C642x DSP features
internal pullup (IPU) and internal pulldown (IPD) resistors on most pins to eliminate the need, unless
otherwise noted, for external pullup/pulldown resistors.
An external pullup/pulldown resistor needs to be used in the following situations:
•
Boot and Configuration Pins: If the pin is both routed out and 3-stated (not driven), an external
pullup/pulldown resistor is strongly recommended, even if the IPU/IPD matches the desired
value/state.
•
Other Input Pins: If the IPU/IPD does not match the desired value/state, use an external
pullup/pulldown resistor to pull the signal to the opposite rail.
•
EMIFA Chip Select Outputs: On C6424, the EMIFA chip select pins (EM_CS2, EM_CS3, EM_CS4,
and EM_CS5) feature an internal pulldown (IPD) resistor. If these pins are connected and used as an
EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to
ensure the EM_CSx function defaults to an inactive (high) state.
For the boot and configuration pins (listed in Table 2-7, Boot Terminal Functions), if they are both routed
out and 3-stated (not driven), it is strongly recommended that an external pullup/pulldown resistor be
implemented. Although, internal pullup/pulldown resistors exist on these pins and they may match the
desired configuration value, providing external connectivity can help ensure that valid logic levels are
latched on these device boot and configuration pins. In addition, applying external pullup/pulldown
resistors on the boot and configuration pins adds convenience to the user in debugging and flexibility in
switching operating modes.
Tips for choosing an external pullup/pulldown resistor:
•
Consider the total amount of current that may pass through the pullup or pulldown resistor. Make sure
to include the leakage currents of all the devices connected to the net, as well as any internal pullup or
pulldown resistors.
•
Decide a target value for the net. For a pulldown resistor, this should be below the lowest VIL level of
all inputs connected to the net. For a pullup resistor, this should be above the highest VIH level of all
inputs on the net. A reasonable choice would be to target the VOL or VOH levels for the logic family of
the limiting device; which, by definition, have margin to the VIL and VIH levels.
•
Select a pullup/pulldown resistor with the largest possible value; but, which can still ensure that the net
will reach the target pulled value when maximum current from all devices on the net is flowing through
the resistor. The current to be considered includes leakage current plus, any other internal and
external pullup/pulldown resistors on the net.
•
For bidirectional nets, there is an additional consideration which sets a lower limit on the resistance
value of the external resistor. Verify that the resistance is small enough that the weakest output buffer
can drive the net to the opposite logic level (including margin).
•
Remember to include tolerances when selecting the resistor value.
•
For pullup resistors, also remember to include tolerances on the DVDD rail.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
121
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com