Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIDZWT Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 128 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 124Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 125Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 126Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 127Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 128Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 129Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 130Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 131Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating Temperature
(Unless Otherwise Noted) (continued)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 700 MHz
13
mA
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 600 MHz
13
mA
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 500 MHz
13
mA
IDDD
3.3V I/O (DVDD33) supply current
(7)
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 400 MHz
13
mA
DVDD = 3.3 V, CVDD = 1.05 V, DSP clock = 560 MHz
13
mA
DVDD = 3.3 V, CVDD = 1.05 V, DSP clock = 450 MHz
13
mA
DVDD = 3.3 V, CVDD = 1.05 V, DSP clock = 400 MHz
13
mA
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 700 MHz
94
mA
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 600 MHz
93
mA
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 500 MHz
92
mA
1.8V I/O (DVDDR2, DDR_VDDDLL,
IDDD
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 400 MHz
91
mA
PLLVPRW18, MXVDD) supply current
(7)
DVDD = 1.8 V, CVDD = 1.05 V, DSP clock = 560 MHz
74
mA
DVDD = 1.8 V, CVDD = 1.05 V, DSP clock = 450 MHz
73
mA
DVDD = 1.8 V, CVDD = 1.05 V, DSP clock = 400 MHz
72
mA
CI
Input capacitance
5
pF
Co
Output capacitance
5
pF
128
Device Operating Conditions
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com