Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4700 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 2Page - STMicroelectronics STUSB4700 Datasheet HTML 3Page - STMicroelectronics STUSB4700 Datasheet HTML 4Page - STMicroelectronics STUSB4700 Datasheet HTML 5Page - STMicroelectronics STUSB4700 Datasheet HTML 6Page - STMicroelectronics STUSB4700 Datasheet HTML 7Page - STMicroelectronics STUSB4700 Datasheet HTML 8Page - STMicroelectronics STUSB4700 Datasheet HTML 9Page - STMicroelectronics STUSB4700 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Inputs/outputs
STUSB4700
6/32
DocID030193 Rev 2
Pin
Name
Type
Description
Connection
12
GPIO0
OD
General purpose I/O #0
13
VVAR_ADDR0
Analog
Variable voltage output
14
GPIO2
OD
General purpose I/O #2
15
GPIO3
OD
General purpose I/O #3
16
GPIO4
OD
General purpose I/O #4
17
A_B_SIDE
OD
Cable orientation - active low
open drain
USB SuperSpeed mux
select
– Ext. pull-up
18
VBUS_SENSE
20 V AI
VBUS voltage monitoring and
discharge path
From VBUS
19
VBUS_DISCH
Output
External output discharge
path
20
VBUS_EN_SRC
20 V OD
VBUS source power path
enable
– active low open
drain
To switch or power
system
– Ext. pull-up
21
VREG_1V2
Analog
1.2 V regulator output
1µF typ decoupling
capacitor
22
VSYS
Power
System power supply
System low power
(connect to ground if not
used)
23
VREG_2V7
Analog
2.7 V regulator output
1µF typ decoupling
capacitor
24
VDD
20 V power
Main power supply (USB
power line)
From VBUS (system side)
-
EP
Exposed pad
Exposed pad is connected to
ground
To Ground
Table 3: Legend
Type
Description
D
Digital
A
Analog
O
Output pad
I
Input pad
IO
Bidirectional pad
OD
Open drain output
PD
Pull-down
PU
Pull-up
PWR
Power supply
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com