Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4700 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 22Page - STMicroelectronics STUSB4700 Datasheet HTML 23Page - STMicroelectronics STUSB4700 Datasheet HTML 24Page - STMicroelectronics STUSB4700 Datasheet HTML 25Page - STMicroelectronics STUSB4700 Datasheet HTML 26Page - STMicroelectronics STUSB4700 Datasheet HTML 27Page - STMicroelectronics STUSB4700 Datasheet HTML 28Page - STMicroelectronics STUSB4700 Datasheet HTML 29Page - STMicroelectronics STUSB4700 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Electrical characteristics
STUSB4700
26/32
DocID030193 Rev 2
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VMONUSBL
VBUS monitoring
low voltage
threshold
VBUS = nominal target value
Default VMONUSBL= VBUS -
10%
The threshold limit is
programmable by NVM
from VBUS -20% to VBUS -
5%
–
VBUS -10%
–
V
Digital input/output (SCL, SDA, ALERT#, A_B_SIDE)
VIH
High level input
voltage
1.2
–
–
V
VIL
Low level input
voltage
–
–
0.35
V
VOL
Low level output
voltage
Ioh = 3 mA
–
–
0.4
V
20 V open drain outputs (VBUS_EN_SRC)
VOL
Low level output
voltage
Ioh = 3 mA
–
–
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com