Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4700 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 3Page - STMicroelectronics STUSB4700 Datasheet HTML 4Page - STMicroelectronics STUSB4700 Datasheet HTML 5Page - STMicroelectronics STUSB4700 Datasheet HTML 6Page - STMicroelectronics STUSB4700 Datasheet HTML 7Page - STMicroelectronics STUSB4700 Datasheet HTML 8Page - STMicroelectronics STUSB4700 Datasheet HTML 9Page - STMicroelectronics STUSB4700 Datasheet HTML 10Page - STMicroelectronics STUSB4700 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
STUSB4700
Inputs/outputs
DocID030193 Rev 2
7/32
2.3
Pin description
2.3.1
CC1 / CC2
CC1 and CC2 are the configuration channel pins used for connection and attachment
detection, plug orientation determination and system configuration management across
USB Type-C cable. CC1/CC2 are HiZ during reset.
2.3.2
RESET
Active high reset. This pin resets all analog signals, states machine and reloads
configuration.
2.3.3
I2C interface pins
Table 4: I2C interface pins list
Name
Description
SCL
I²C clock
– need external pull-up
SDA
I²C data
– need external pull-up
ALERT#
I²C interrupt
– need external pull-up
2.3.4
A_B_SIDE
This output pin provides cable orientation. It is used to establish USB SuperSpeed signals
routing. The cable orientation is also provided by an internal I2C register. This signal is not
required in case of USB 2.0 support or in case of supply only.
Table 5: USB Data mux select
Value
CC pin position
HiZ
CC pin detected on CC1 (A5)
0
CC pin detected on CC2 (B5)
2.3.5
VBUS_SENSE
This input pin is used to sense VBUS presence, monitor VBUS voltage and discharge VBUS on
USB Type-C receptacle side.
2.3.6
VBUS_EN_SRC
In Source power role, this pin allows enabling of the outgoing VBUS power when the
connection to a Sink is established and VBUS is in the valid operating range. The open drain
output allows to drive directly a PMOS transistor. The logic value of the pin is also
advertised in a dedicated I2C register bit.
2.3.7
VSYS
VSYS is the low voltage power supply from the system (if any). VSYS connection is optional,
and can be connected directly to a single cell Lithium battery or a system power supply
delivering 3.3 V or 5 V. If not used, it is recommended to connect to GND.
2.3.8
VDD
VDD is the main power supply for applications powered by VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com