Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4700 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 17Page - STMicroelectronics STUSB4700 Datasheet HTML 18Page - STMicroelectronics STUSB4700 Datasheet HTML 19Page - STMicroelectronics STUSB4700 Datasheet HTML 20Page - STMicroelectronics STUSB4700 Datasheet HTML 21Page - STMicroelectronics STUSB4700 Datasheet HTML 22Page - STMicroelectronics STUSB4700 Datasheet HTML 23Page - STMicroelectronics STUSB4700 Datasheet HTML 24Page - STMicroelectronics STUSB4700 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
STUSB4700
Typical use cases
DocID030193 Rev 2
21/32
7
Typical use cases
7.1
Power supply
– buck topology
Figure 6: Power supply - buck topology
The STUSB4700 offers the possibility to have up to 5 PDOs using (GPIO0 to GPIO3).
For example PDO1:5V 3A (no GPIO grounded), PDO2:9V 3A (GPIO0 to GND), PDO3:15V
3A (GPIO1 to GND).
Depending on the contract negotiated between source and sink VBUS voltage can go up to
20 V.
VBUS = Vref x (1+ R1p / (R1+R2+R3+R4+R5))
Table 16: Resistor value
PDO
VOUT
Computation
Resistor value (ohm)
R1P
200 k
5
20
����1 =
����1����∙1.24
����������������−1.24
13 k
4
15
����2 =
����1����∙1.24
����������������−1.24
− ����1
9.53 k
3
12
����3 =
����1����∙1.24
����������������−1.24
− ����1 − ����2
41.2 k
2
9
����4 =
����1����∙1.24
����������������−1.24
− ����1 − ����2 − ����3
9.53 k
1
5
����5 =
����1����∙1.24
����������������−1.24
− ����1 − ����2 − ����3 − ����4
41.2 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com