Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4700 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Datasheet(HTML) 5 Page - STMicroelectronics

  STUSB4700 Datasheet HTML 1Page - STMicroelectronics STUSB4700 Datasheet HTML 2Page - STMicroelectronics STUSB4700 Datasheet HTML 3Page - STMicroelectronics STUSB4700 Datasheet HTML 4Page - STMicroelectronics STUSB4700 Datasheet HTML 5Page - STMicroelectronics STUSB4700 Datasheet HTML 6Page - STMicroelectronics STUSB4700 Datasheet HTML 7Page - STMicroelectronics STUSB4700 Datasheet HTML 8Page - STMicroelectronics STUSB4700 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
STUSB4700
Inputs/outputs
DocID030193 Rev 2
5/32
2
Inputs/outputs
2.1
Pinout
Figure 2: STUSB4700 pin connections (top view)
2.2
Pin list
Table 2: Pin functions list
Pin
Name
Type
Description
Connection
1
NC
NC
Not connected
2
CC1
20 V analog IO
Configuration channel 1
Type-C receptacle A5
3
VCONN
PWR
Power input for active plug
5 V power source
4
CC2
20 V analog IO
Configuration channel 2
Type-C receptacle B5
6
RESET
DI
Reset input (active high)
7
SCL
DI
I²C clock
To I²C master
– Ext. pull-
up
8
SDA
DI/OD
I2C data input/output
– active
low open drain
To I²C master
– Ext. pull-
up
9
ALERT#
OD
I2C interrupt
– active low
open drain
To I²C master
– Ext. pull-
up
10
GND
Power
Ground
11
GPIO1
OD
General purpose I/O #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com