Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4700 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 21Page - STMicroelectronics STUSB4700 Datasheet HTML 22Page - STMicroelectronics STUSB4700 Datasheet HTML 23Page - STMicroelectronics STUSB4700 Datasheet HTML 24Page - STMicroelectronics STUSB4700 Datasheet HTML 25Page - STMicroelectronics STUSB4700 Datasheet HTML 26Page - STMicroelectronics STUSB4700 Datasheet HTML 27Page - STMicroelectronics STUSB4700 Datasheet HTML 28Page - STMicroelectronics STUSB4700 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
STUSB4700
Electrical characteristics
DocID030193 Rev 2
25/32
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VTH1.6
Detection
threshold 6
Max Rd detection by DFP at IP
= IP-USB and IP = IP-1.5
1.5
1.6
1.65
V
VTH2.6
Detection
threshold 7
Max Rd detection by DFP
at IP-3.0,
max CC voltage for
connected UFP
2.45
2.6
2.75
V
VCONN protection
RVCONN
VCONN path
resistance
IVCONN = 0.2 A
-40°C < TA < +105°C
0.25
0.5
0.975
Ω
IOCP
Over current
protection
Programmable current limit
threshold (from 100 mA to 600
mA by step of 50 mA).
85
100
125
mA
300
350
400
550
600
650
VOVP
Output over
voltage protection
5.9
6
6.1
V
VUVP
Input under
voltage protection
Low UVLO threshold
2.6
–
2.7
V
High UVLO threshold (default)
4.6
–
4.8
VBUS monitoring and driving
VTHUSB
VBUS presence
threshold
VSYS=3.0 to 5.5 V
3.8
3.9
4
V
VTH0V
VBUS safe 0V
threshold
(vSafe0V)
VSYS=3.0 to 5.5 V
Programmable threshold
(from 0.6 to 1.8 V)
Default VTHOV= 0.6 V
0.5
0.6
0.7
V
0.8
0.9
1
1.1
1.2
1.3
1.7
1.8
1.9
RDISUSB
VBUS discharge
resistor
600
700
800
Ω
TDISUSB
VBUS discharge
time to 0 V
Default TDISUSB= 840 ms . The
coefficient TDISPARAM is
programmable by NVM.
70
*TDISPARAM
84
*TDISPARAM
100
*TDISPARAM
ms
TDISUSB
VBUS discharge
time to PDO
Default TDISUSB= 200 ms
The coefficient TDISPARAM is
programmable by NVM
20
*TDISPARAM
24
*TDISPARAM
28
*TDISPARAM
ms
VMONUSBH
VBUS monitoring
high voltage
threshold
VBUS = nominal target value
Default VMONUSBH = VBUS
+10%
The threshold limit is
programmable by NVM
from VBUS +5% to VBUS
+20%
–
VBUS +10%
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com