Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4700 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB4700 Datasheet HTML 1Page - STMicroelectronics STUSB4700 Datasheet HTML 2Page - STMicroelectronics STUSB4700 Datasheet HTML 3Page - STMicroelectronics STUSB4700 Datasheet HTML 4Page - STMicroelectronics STUSB4700 Datasheet HTML 5Page - STMicroelectronics STUSB4700 Datasheet HTML 6Page - STMicroelectronics STUSB4700 Datasheet HTML 7Page - STMicroelectronics STUSB4700 Datasheet HTML 8Page - STMicroelectronics STUSB4700 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
March 2017
DocID030193 Rev 2
1/32
This is information on a product in full production.
www.st.com
STUSB4700
Autonomous USB PD controller with integrated discharge path
Datasheet - production data
Features
USB power delivery (PD) controller
Type-C attach and cable orientation
detection
Single role: provider - DFP
Full hardware solution - no software
I2C interface + Interrupt (optional connection
to MCU)
Support all USB PD profiles: up to 5 power
data objects (PDO)
Configurable startup profiles
Integrated VBUS voltage monitoring
Internal and/or external VBUS discharge path
High voltage protection
Dual power supply (VSYS and/or VDD):
VSYS = [3.0 V; 5.5 V]
VDD = [4.1 V; 22 V]
Temperature range: -40 °C up to 105 °C
Fully compatible with:
USB Type-
C™ rev 1.2
USB PD rev 2.0
Certification test ID 1010037
Applications
AC adapters and power supplies for:
computer, consumer or portable consumer
applications
Smart plugs and wall adapters
Power hubs and docking stations
Displays
Any Type-C source device
Description
The STUSB4700 is a new family of USB power
delivery controllers communicating over Type-
C™ configuration channel pins (CC) to negotiate
a given amount of power to be sourced to an
inquiring consumer device.
The STUSB4700 addresses provider/DFP
devices such as notebooks, tablets and AC
adapters. The device can handle any
connections to a UFP or DRP without any MCU
attachment support, from device attachment to
power negotiation, including VBUS discharge and
protections.
Table 1: Device summary table
Order code
Description
Package
Marking
STUSB4700QTR
Autonomous USB PD controller (provider)
QFN24 EP
(4x4 mm)
4700


Similar Part No. - STUSB4700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710ADTR STMICROELECTRONICS-STUSB4710ADTR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710AQ1TR STMICROELECTRONICS-STUSB4710AQ1TR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710AQTR STMICROELECTRONICS-STUSB4710AQTR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4761 STMICROELECTRONICS-STUSB4761 Datasheet
2Mb / 29P
Standalone USB PD controller with integrated CC/CV for AC/DC applications
08-Sep-2021
More results

Similar Description - STUSB4700

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
W3-05-10 TRUMPOWER-W3-05-10 Datasheet
33Kb / 1P
10 & 18 Watts Wall Mount Adapters
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
logo
Tumbler Technologies + ...
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
Medical Grade 15W Wall Mount Power Adapters
W3 TRUMPOWER-W3 Datasheet
33Kb / 1P
10 & 18 Watts Wall Mount Adapters
logo
Astrodyne Corporation
AHP1501 ASTRODYNE-AHP1501 Datasheet
1Mb / 3P
15W Medical Power Adapters with Interchangeable Input Plugs
AHP2501 ASTRODYNE-AHP2501 Datasheet
1Mb / 3P
25W Medical Power Adapters with Interchangeable Input Plugs
logo
Tumbler Technologies + ...
TXM25 TRUMPOWER-TXM25_16 Datasheet
239Kb / 2P
Medical Grade 25W Wall Mount Power Adapters
logo
Winchester Electronics ...
831B509 WINCHESTER-831B509 Datasheet
210Kb / 1P
Plugs, Jacks, Adapters
logo
Shenzhen Huazhimei Semi...
HM6600 HMSEMI-HM6600 Datasheet
377Kb / 7P
Wall-Adapter/Power Plugs, Outlets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com