Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4700 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 15Page - STMicroelectronics STUSB4700 Datasheet HTML 16Page - STMicroelectronics STUSB4700 Datasheet HTML 17Page - STMicroelectronics STUSB4700 Datasheet HTML 18Page - STMicroelectronics STUSB4700 Datasheet HTML 19Page - STMicroelectronics STUSB4700 Datasheet HTML 20Page - STMicroelectronics STUSB4700 Datasheet HTML 21Page - STMicroelectronics STUSB4700 Datasheet HTML 22Page - STMicroelectronics STUSB4700 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
STUSB4700
I²C register map
DocID030193 Rev 2
19/32
6
I²C register map
Table 14: STUSB4700 register map overview
Address
Register name
Access
Description
00h
to
0Ah
Reserved
RO
Do not use
0Bh
ALERT_STATUS
RC
Alert register linked to transition registers
0Ch
ALERT_STATUS_MASK_CTRL
R/W
Interrupt mask on ALERT_STATUS register
0Dh
CC_CONNECTION_STATUS_TRANS
RC
Alerts on transition in CC_CONNECTION_STATUS
register
0Eh
CC_CONNECTION_STATUS
RO
CC connection status
0Fh
MONITORING_STATUS_TRANS
RC
Alerts on transition in MONITORING_STATUS
register
10h
MONITORING_STATUS
RO
Gives status on VBUS voltage monitoring
11h
Reserved
RO
Do not use
12h
HW_FAULT_STATUS_TRANS
RC
Alerts on transition in HW_FAULT_STATUS
register
13h
HW_FAULT_STATUS
RO
Hardware faults status
14h
to
17h
Reserved
RO
Do not use
18h
CC_CAPABILITY_CTRL
R/W
Allows to change the CC capabilities
19h
to
22h
Reserved
RO
Do not use
23h
RESET_CTRL
R/W
Controls the device reset by software
24h
Reserved
RO
Do not use
25h
VBUS_DISCHARGE_TIME_CTRL
R/W
Parameters defining VBUS discharge time
26h
VBUS_DISCHARGE_CTRL
R/W
Controls the VBUS discharge path
27h
VBUS_ENABLE_STATUS
RO
VBUS power path activation status
2Eh
VBUS_MONITORING_CTRL
R/W
Allows to change the monitoring conditions of VBUS
voltage
19h
to
1Eh
Reserved
RO
Do not use
71h
SRC_PDO1
R/W
PDO1 capabilities configuration
75h
SRC_PDO2
R/W
PDO2 capabilities configuration
79h
SRC_PDO3
R/W
PDO3 capabilities configuration
7Dh
SRC_PDO4
R/W
PDO4 capabilities configuration
81h
SRC_PDO5
R/W
PDO5 capabilities configuration
91h
SRC_RDO
RO
PDO request status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com