Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975D Datasheet(PDF) 11 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 7Page - STMicroelectronics A5975D Datasheet HTML 8Page - STMicroelectronics A5975D Datasheet HTML 9Page - STMicroelectronics A5975D Datasheet HTML 10Page - STMicroelectronics A5975D Datasheet HTML 11Page - STMicroelectronics A5975D Datasheet HTML 12Page - STMicroelectronics A5975D Datasheet HTML 13Page - STMicroelectronics A5975D Datasheet HTML 14Page - STMicroelectronics A5975D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
A5975D
Functional description
Doc ID 018760 Rev 1
11/50
5
Functional description
The main internal blocks are shown in the device block diagram in Figure 3. They are:
●
A voltage regulator supplying the internal circuitry. From this regulator, a 3.3 V
reference voltage is externally available
●
A voltage monitor circuit which checks the input and the internal voltages
●
A fully integrated sawtooth oscillator with a frequency of 250 kHz
± 15%, including also
the voltage feed-forward function and an input/output synchronization pin
●
Two embedded current limitation circuits which control the current that flows through
the power switch. The pulse-by-pulse current limit forces the power switch OFF cycle-
by-cycle, if the current reaches an internal threshold, while the frequency shifter
reduces the switching frequency in order to significantly reduce the duty cycle
●
A transconductance error amplifier
●
A pulse width modulator (PWM) comparator and the relative logic circuitry necessary to
drive the internal power
●
A high side driver for the internal P-MOS switch
●
An inhibit block for standby operation
●
A circuit to implement the thermal protection function
Figure 3.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com