Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975D Datasheet(PDF) 29 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 25Page - STMicroelectronics A5975D Datasheet HTML 26Page - STMicroelectronics A5975D Datasheet HTML 27Page - STMicroelectronics A5975D Datasheet HTML 28Page - STMicroelectronics A5975D Datasheet HTML 29Page - STMicroelectronics A5975D Datasheet HTML 30Page - STMicroelectronics A5975D Datasheet HTML 31Page - STMicroelectronics A5975D Datasheet HTML 32Page - STMicroelectronics A5975D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
A5975D
Application information
Doc ID 018760 Rev 1
29/50
The overall losses are:
Equation 26
The junction temperature of device is:
Equation 27
Equation 28
8.3.2
Thermal impedance ZTHJ-A(t)
The thermal impedance of the system, considered as the device in the HSO8 package
soldered on the application board, takes on an important rule when the maximum output
power is limited by the static thermal performance and not by the electrical performance of
the device. Therefore, the embedded power elements could manage a higher current but the
system is already taking away the maximum power generated by the internal losses.
In case the output power increases, the thermal shutdown is triggered because the junction
temperature triggers the designed thermal shutdown threshold.
The RTH is a static parameter of the package; it sets the maximum power loss which can be
generated from the system given the operation conditions.
If we suppose, as an example, TA = 40 °C, 140 °C is the maximum operating temperature
before triggering the thermal shutdown and RTH = 40 °C/W, therefore, the maximum power
loss achievable with the thermal performance of the system is:
Figure 15 represents the estimation of power losses for different output voltages at VIN=5 V
and TAMB=40°C. The calculations are performed considering the RDS(on) of the power
element equal to 0.4 A.
P
TOT
R
DS on
()
I
OUT
()
⋅
2
DV
IN
I
OUT
T
SW
F
SW
V
IN
I
Q=
⋅
+
⋅⋅
⋅
+
⋅
=
0.4 3
2
0.3
12 3 70 10
9
–
250 10
3
12 2.5 10
3
–
⋅⋅
+
⋅⋅
⋅
⋅
⋅
+
⋅⋅
1.11W
≅
=
T
J
T
A
R
thJA
P
TOT
⋅
+
=
T
J
70
0.93 42
116
°C
≅
⋅
+
=
P
MAX DC
ΔT
R
TH
-----------
T
J MAX
T
AMB
–
R
TH
--------------------------------------
100
40
----------
2.5W
==
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com