Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975D Datasheet(PDF) 12 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 8Page - STMicroelectronics A5975D Datasheet HTML 9Page - STMicroelectronics A5975D Datasheet HTML 10Page - STMicroelectronics A5975D Datasheet HTML 11Page - STMicroelectronics A5975D Datasheet HTML 12Page - STMicroelectronics A5975D Datasheet HTML 13Page - STMicroelectronics A5975D Datasheet HTML 14Page - STMicroelectronics A5975D Datasheet HTML 15Page - STMicroelectronics A5975D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Functional description
A5975D
12/50
Doc ID 018760 Rev 1
5.1
Power supply and voltage reference
The internal regulator circuit (shown in Figure 4) consists of a start-up circuit, an internal
voltage pre-regulator, the bandgap voltage reference and the bias block that provides
current to all the blocks. The starter supplies the start-up currents to the entire device when
the input voltage goes high and the device is enabled (inhibit pin connected to ground). The
pre-regulator block supplies the bandgap cell with a pre-regulated voltage, VREG, that has a
very low supply voltage noise sensitivity.
5.2
Voltage monitor
An internal block continuously senses the VCC, VREF and VBG. If the voltages go higher than
their thresholds, the regulator begins operating. There is also a hysteresis on the VCC
(UVLO).
Figure 4.
Internal circuit
5.3
Oscillator and synchronization
Figure 5 shows the block diagram of the oscillator circuit.
The clock generator provides the switching frequency of the device, which is internally fixed
at 250 kHz. The frequency shifter block acts to reduce the switching frequency in case of
strong overcurrent or short-circuit. The clock signal is then used in the internal logic circuitry
and is the input of the ramp generator and synchronizer blocks.
The ramp generator circuit provides the sawtooth signal, used for PWM control and the
internal voltage feed-forward, while the synchronizer circuit generates the synchronization
signal. The device also has a synchronization pin which can work as both master and slave.
Beating frequency noise is an issue when more than one voltage rail is on the same board.
A simple way to avoid this issue is to operate all the regulators at the same switching
frequency.
The synchronization feature, of a set of the A5975D, is simply obtained by connecting
together their SYNCH pins. The device with highest switching frequency is the master,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com