Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975D Datasheet(PDF) 42 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 42 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 38Page - STMicroelectronics A5975D Datasheet HTML 39Page - STMicroelectronics A5975D Datasheet HTML 40Page - STMicroelectronics A5975D Datasheet HTML 41Page - STMicroelectronics A5975D Datasheet HTML 42Page - STMicroelectronics A5975D Datasheet HTML 43Page - STMicroelectronics A5975D Datasheet HTML 44Page - STMicroelectronics A5975D Datasheet HTML 45Page - STMicroelectronics A5975D Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Application information
A5975D
42/50
Doc ID 018760 Rev 1
Equation 47
MLCCs (multiple layer ceramic capacitor) with values in the range of 10 µF-22 µF and rated
voltages in the range of 10 V-25 V are available today at relatively low cost from many
manufacturers.
These capacitors have very low ESR values (a few m
Ω) and are therefore occasionally used
for the output filter in order to reduce the voltage ripple and the overall size of the
application.
However, the zero given by the output capacitor falls outside the designed bandwidth and so
the system becomes unstable with the standard compensation network.
Figure 31 shows the type III compensation network stabilizing the system with ceramic
capacitors at the output (the optimum components value depends on the application). This
configuration introduces two zeros and a low frequency pole in the designed bandwidth and
so guarantees a proper phase margin.
Figure 31.
MLCC compensation network circuit
f
Z ESR
1
2
π ESR C
OUT
⋅⋅
⋅
------------------------------------------------
=
bandwidth
<
f
LC
f
<
Z ESR
10 f
LC
⋅
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com