Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975D Datasheet(PDF) 37 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 33Page - STMicroelectronics A5975D Datasheet HTML 34Page - STMicroelectronics A5975D Datasheet HTML 35Page - STMicroelectronics A5975D Datasheet HTML 36Page - STMicroelectronics A5975D Datasheet HTML 37Page - STMicroelectronics A5975D Datasheet HTML 38Page - STMicroelectronics A5975D Datasheet HTML 39Page - STMicroelectronics A5975D Datasheet HTML 40Page - STMicroelectronics A5975D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
A5975D
Application information
Doc ID 018760 Rev 1
37/50
Figure 25.
PCB layout (front side)
8.7
Positive buck-boost regulator
The device can be used to implement a step-up/down converter with a positive output
voltage.
The output voltage is given by:
Equation 33
where the ideal duty cycle D for the buck-boost converter is:
Equation 34
However, due to power losses in the passive elements, the real duty cycle is always higher
than this. The real value (that can be measured in the application) should be used in the
following formulas.
The peak current flowing in the embedded switch is:
Equation 35
while its average current is equal to:
Equation 36
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
V
OUT
V
IN
D
1D
–
-------------
⋅
=
D
V
OUT
V
IN
V
OUT
+
------------------------------
=
I
SW
I
LOAD
1D
–
---------------
I
RIPPLE
2
--------------------
+
I
LOAD
1D
–
---------------
V
IN
2L
⋅
-----------
D
f
SW
---------
⋅
+
==
I
SW
I
LOAD
1D
–
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com