Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975D Datasheet(PDF) 22 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 18Page - STMicroelectronics A5975D Datasheet HTML 19Page - STMicroelectronics A5975D Datasheet HTML 20Page - STMicroelectronics A5975D Datasheet HTML 21Page - STMicroelectronics A5975D Datasheet HTML 22Page - STMicroelectronics A5975D Datasheet HTML 23Page - STMicroelectronics A5975D Datasheet HTML 24Page - STMicroelectronics A5975D Datasheet HTML 25Page - STMicroelectronics A5975D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Closing the loop
A5975D
22/50
Doc ID 018760 Rev 1
7.3
PWM comparator
The PWM gain is given by the following formula:
Equation 12
where VOSCMAX is the maximum value of a sawtooth waveform and VOSCMIN is the
minimum value. A voltage feed-forward is implemented to ensure a constant GPWM. This is
obtained by generating a sawtooth waveform directly proportional to the input voltage VCC.
Equation 13
where K is equal to 0.076. Therefore the PWM gain is also equal to:
Equation 14
This means that even if the input voltage changes, the error amplifier does not change its
value to keep the loop in regulation, therefore ensuring a better line regulation and line
transient response.
In summary, the open loop gain can be expressed as:
Equation 15
Example:
Considering RC = 10 kΩ, CC = 10 nF and CP = 120 pF, the poles and zeroes of A0 are:
FP1 = 20 Hz
FP2 = 130 kHz
FZ1 = 1.6 kHz
If L = 12 µH, COUT = 220 µF and ESR = 25 mΩ, the poles and zeroes of ALC become:
FPLC = 2.5 kHz
F0 = 38 kHz
Finally, R1 = 5.6 kΩ and R2 = 3.3 kΩ.
The gain and phase bode diagrams are plotted respectively in Figure 11 and 12.
G
PWM s
()
V
cc
V
OSCMAX
V
OSCMIN
–
()
-------------------------------------------------------------
=
V
OSCMAX
V
OSCMIN
–
KV
CC
⋅
=
G
PWM s
()
1
K
----
const
==
Gs
()
G
PWM s
()
R
2
R
1
R
2
+
-------------------- A
O s
() A
LC
⋅⋅
⋅
s
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com